Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH616UV1611TI55 Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BH616UV1611TI55
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV1611TI55 Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BH616UV1611TI55 Datasheet HTML 1Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV1611TI55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BH616UV1611
R0201-BH616UV1611
Revision
1.3
Otc.
2006
2
n PIN DESCRIPTIONS
Name
Function
A0 to A19 Address Input (word mode) These 20 address inputs select one of the 1,024K x 16 bit in the RAM, if BYTE is HIGH
A0 to A20 Address Input (byte mode)
(TSOP only)
These 21 address inputs select one of the 2,048K x 8 bit in the RAM, If BYTE is LOW
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in standby power mode. The DQ pins will be in the high impedance
state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impendence state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
BYTE Byte Enable Input (TSOP only)
This input selects the organization of the SRAM. 1,024K x 16-bit configuration is
selected if BYTE is HIGH. 2,048K x 8-bit configuration is selected if BYTE is LOW
DQ0-DQ15 Data Input/Output
Ports
16 bi-directional ports are used to read data from or write data into the RAM.
VCC
Power Supply
VSS
Ground


Similar Part No. - BH616UV1611TI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG55 BSI-BH616UV1611AIG55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG70 BSI-BH616UV1611AIG70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP55 BSI-BH616UV1611AIP55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP70 BSI-BH616UV1611AIP70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
More results

Similar Description - BH616UV1611TI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1601 BSI-BH62UV1601 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com