Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH616UV1611DI55 Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BH616UV1611DI55
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV1611DI55 Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BH616UV1611DI55 Datasheet HTML 1Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV1611DI55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BH616UV1611
R0201-BH616UV1611
Revision
1.3
Otc.
2006
5
n DATA RETENTION CHARACTERISTICS (T
A = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC for Data Retention
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.0
--
--
V
ICCDR
Data Retention Current
CE1≧VCC-0.2V or CE2≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=1.2V
--
1.5
15
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. tRC = Read Cycle Time.
n LOW V
CC DATA RETENTION WAVEFORM (1) (CE1 Controlled)
n LOW V
CC DATA RETENTION WAVEFORM (2) (CE2 Controlled)
n AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
VCC / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ1, tCLZ2, tBE, tOLZ, tCHZ1,
tCHZ2, tBDO, tOHZ, tWHZ, tOW
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
n KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM
“H” TO “L”
WILL BE CHANGE
FROM
“H” TO “L”
MAY CHANGE
FROM
“L” TO “H”
WILL BE CHANGE
FROM
“L” TO “H”
DON
’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time:
1V/ns
Fall Time:
1V/ns
90%
→ ←
10%
10%
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE1≧VCC - 0.2V
VDR≧1.0V
CE1
VCC
CE2
Data Retention Mode
VCC
tCDR
VCC
tR
VIL
VIL
VCC
VDR≧1.0V
CE2≦0.2V


Similar Part No. - BH616UV1611DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG55 BSI-BH616UV1611AIG55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG70 BSI-BH616UV1611AIG70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP55 BSI-BH616UV1611AIP55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP70 BSI-BH616UV1611AIP70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
More results

Similar Description - BH616UV1611DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1601 BSI-BH62UV1601 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com