Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1234D241B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1234D241B
Description  PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1234D241B Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1234D241B Datasheet HTML 1Page - RICOH electronics devices division R1234D241B Datasheet HTML 2Page - RICOH electronics devices division R1234D241B Datasheet HTML 3Page - RICOH electronics devices division R1234D241B Datasheet HTML 4Page - RICOH electronics devices division R1234D241B Datasheet HTML 5Page - RICOH electronics devices division R1234D241B Datasheet HTML 6Page - RICOH electronics devices division R1234D241B Datasheet HTML 7Page - RICOH electronics devices division R1234D241B Datasheet HTML 8Page - RICOH electronics devices division R1234D241B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R1234D
5
ELECTRICAL CHARACTERISTICS
R1234DxxxA
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
2.4
5.5
V
VOUT
Step-down Output Voltage
VIN
=VCE=VSET+1.5V,
VMODE
=0V, IOUT=10mA
Typ.
×0.98
VSET
Typ.
×1.02
V
∆VOUT/∆Topt
Step-down Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±150
ppm/
°C
fosc
Oscillator Frequency
VIN
=VCE=VSET+1.5V
425
500
575
kHz
IDD
Supply Current
VIN
=VCE=VSET+1.5V,
VOUT
=VMODE=0V
230
300
µA
Istandby
Standby Current
VIN
=5.5V, VCE=VOUT=0V
0
5
µA
RONP
ON Resistance of Pch Transistor
VIN
=5.0V
0.2
0.4
0.9
RONN
ON Resistance of Nch Transistor
VIN
=5.0V
0.2
0.6
0.9
ILXleak
LX Leakage Current
VIN
=5.5V, VCE=0V,
VLX
=0V or 5.5V
−5.0
0.0
5.0
µA
IVOUTleak
VOUT Leakage Current
VIN
=5.5V, VCE=0V,
VLX
=0V or 5.5V
−0.1
0.0
0.1
µA
ICE
CE Input Current
VIN
=5.5V, VMODE=0V,
VCE
=5.5V or 0V
−0.1
0.0
0.1
µA
IMODE
MODE Pin Input Current
VIN
=5.5V, VCE=0V,
VMODE
=5.5V or 0V
−0.1
0.1
µA
VCEH
CE "H" Input Voltage
VIN
=5.5V, VOUT=0V
1.5
V
VCEL
CE "L" Input Voltage
VIN
=2.4V, VOUT=0V
0.3
V
VMODEH
MODE "H" Input Voltage
VIN
=VCE=5.5V, VOUT=0V
1.5
V
VMODEL
MODE "L" Input Voltage
VIN
=VCE=2.4V, VOUT=0V
0.3
V
Maxduty
Oscillator Maximum Duty Cycle
VMODE
=0V
100
%
tstart
Delay Time by Soft-Start function
at no load,
VIN
=VCE=VSET+1.5V
0.5
1.5
2.5
ms
VLXlim
LX Limit Voltage
VMODE
=VOUT=0V,
VIN
=VCE=3.0V
VIN
−0.15
VIN
−0.35
VIN
−0.65
V
Tprot
Delay Time for protection circuit
VIN
=VCE=VSET+1.5V,
VMODE
=0V
0.5
1.5
2.5
ms
VUVLO1
UVLO Threshold Voltage
VIN
=VCE=2.5V→1.5V,
VOUT
=0V
1.8
2.1
2.2
V
VUVLO2
UVLO Released Voltage
VIN
=VCE=1.5V→2.5V,
VOUT
=0V
1.9
2.2
2.3
V
VFMduty
VFM Duty Cycle
VIN
=VCE=VMODE=2.4V,
VOUT
=0V
55
65
85
%


Similar Part No. - R1234D241B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1234D241B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com