Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1152N071B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1152N071B
Description  High Input Voltage Tolerant Boost Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1152N071B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1152N071B Datasheet HTML 2Page - RICOH electronics devices division R1152N071B Datasheet HTML 3Page - RICOH electronics devices division R1152N071B Datasheet HTML 4Page - RICOH electronics devices division R1152N071B Datasheet HTML 5Page - RICOH electronics devices division R1152N071B Datasheet HTML 6Page - RICOH electronics devices division R1152N071B Datasheet HTML 7Page - RICOH electronics devices division R1152N071B Datasheet HTML 8Page - RICOH electronics devices division R1152N071B Datasheet HTML 9Page - RICOH electronics devices division R1152N071B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
R1152N
6
OPERATION
In these ICs, fluctuation of Output Voltage, VOUT is detected by the feed-back registers, and the result is
compared with a reference voltage with the error amplifier and control the base current of an external PNP
transistor so that a constant voltage is output. The base current is monitored with the base current limit circuit.
If the base current may be too large, the protection circuit works.
TECHNICAL NOTES
When using these ICs, consider the following points:
Make VDD and GND lines sufficient. When their impedance is high, noise pickup or unstable operation may
result.
When you choose an external transistor, select with considering output current, input voltage, and power
dissipation. Generally, low VCE(SAT) and hFE range from 100 to 300 are the appropriate characteristics.
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 10
µF or more output capacitor, as close as possible to the ICs.
If you choose an electrolytic capacitor, ESR shift by temperature should be small. If you choose a ceramic
capacitor, add an appropriate series resister.
If the set output voltage is less than 4.0V, and IOUT>1A must be obtained, at least VIN5.0V is the appropriate
condition. (Supposed as hFE
=100)
Voltage level for CE should not be floating, or middle range voltage. If the CE voltage is not appropriate, output
voltage may be unstable or conduction current may flow.
All external components should be located as close as possible to the IC, and wiring should be as short as
possible.
If hFE value of the PNP transistor is too high, output voltage may rise at low load current (less than 1mA).


Similar Part No. - R1152N071B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H0211A-TR-FE RICOH-R1150H0211A-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211B-TR-FE RICOH-R1150H0211B-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211C-TR-FE RICOH-R1150H0211C-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1152N071B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK5901 MSK-MSK5901 Datasheet
264Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com