Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH62UV4000DI55 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BH62UV4000DI55
Description  Ultra Low Power/High Speed CMOS SRAM 512K X 8 bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH62UV4000DI55 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BH62UV4000DI55 Datasheet HTML 4Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 5Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 6Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 7Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 8Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 9Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 10Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 11Page - Brilliance Semiconductor BH62UV4000DI55 Datasheet HTML 12Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BH62UV4000
R0201-BH62UV4000
Revision
1.2
Aug.
2006
8
n ORDERING INFORMATION
Note:
Brilliance Semiconductor Inc. (BSI) assumes no responsibility for the application or use of any product or circuit described herein. BSI does
not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result
in significant injury or death, including life-support systems and critical medical instruments.
n PACKAGE DIMENSIONS
PACKAGE
D: DICE
E: TSOP-II
H: BGA-36-0608
P: PDIP
S: SOP
ST: Small TSOP (8mm x 13.4mm)
T: TSOP (8mm x 20mm)
BH62UV4000
X
X
Z
Y Y
GRADE
I: -40
oC ~ +85oC
SPEED
55: 55ns
PKG MATERIAL
-: Normal
G: Green, RoHS Compliant
BASE METAL
WITH PLATING
c
c1
SECTION
A-A
b1
b
SOP -32


Similar Part No. - BH62UV4000DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV1600AI BSI-BH62UV1600AI Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV1600AI-70 BSI-BH62UV1600AI-70 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV1600AIG55 BSI-BH62UV1600AIG55 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV1600AIG70 BSI-BH62UV1600AIG70 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
More results

Similar Description - BH62UV4000DI55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010_06 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
logo
Lyontek Inc.
LY61L5128 LYONTEK-LY61L5128_10 Datasheet
325Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128_17 Datasheet
637Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128 LYONTEK-LY61L5128 Datasheet
233Kb / 15P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_13 Datasheet
242Kb / 11P
   512K X 8 BIT HIGH SPEED CMOS SRAM
LY61L5128A LYONTEK-LY61L5128A_16 Datasheet
500Kb / 12P
   512K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com