Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1234D141A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1234D141A
Description  PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1234D141A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1234D141A Datasheet HTML 7Page - RICOH electronics devices division R1234D141A Datasheet HTML 8Page - RICOH electronics devices division R1234D141A Datasheet HTML 9Page - RICOH electronics devices division R1234D141A Datasheet HTML 10Page - RICOH electronics devices division R1234D141A Datasheet HTML 11Page - RICOH electronics devices division R1234D141A Datasheet HTML 12Page - RICOH electronics devices division R1234D141A Datasheet HTML 13Page - RICOH electronics devices division R1234D141A Datasheet HTML 14Page - RICOH electronics devices division R1234D141A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
R1234D
11
When you use these ICs, consider the following issues;
• Input same voltage into the power supply pins, VIN and VDD. Set the same level as AGND and PGND.
• When you control the CE pin and MODE pin by another power supply, do not make its "H" level more than
the voltage level of VIN/VDD pin.
• Set external components such as an inductor, CIN, COUT as close as possible to the IC, in particular,
minimize the wiring to VIN pin and PGND pin.
• At stand by mode, (CE="L"), the LX output is Hi-Z, or both P-channel transistor and N-channel transistor of
LX pin turn off.
• Use an external capacitor COUT with a capacity of 10µF or more, and with good high frequency
characteristics such as tantalum capacitors.
• At VFM mode, (MODE="H"), Latch protection circuit does not operate.
• If the mode is switched over into PWM mode from VFM mode during the operation, change the mode at
light load current. If the load current us large, output voltage may decline.
• Reinforce the VIN, PGND, and VOUT lines sufficiently. Large switching current may flow in these lines. If the
impedance of VIN and PGND lines is too large, the internal voltage level in this IC may shift caused by the
switching current, and the operation might be unstable.
The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that
the values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.


Similar Part No. - R1234D141A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1234D141A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com