Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1116N401D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1116N401D
Description  LOW NOISE 150mA LDO REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1116N401D Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1116N401D Datasheet HTML 1Page - RICOH electronics devices division R1116N401D Datasheet HTML 2Page - RICOH electronics devices division R1116N401D Datasheet HTML 3Page - RICOH electronics devices division R1116N401D Datasheet HTML 4Page - RICOH electronics devices division R1116N401D Datasheet HTML 5Page - RICOH electronics devices division R1116N401D Datasheet HTML 6Page - RICOH electronics devices division R1116N401D Datasheet HTML 7Page - RICOH electronics devices division R1116N401D Datasheet HTML 8Page - RICOH electronics devices division R1116N401D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
R1116x SERIES
LOW NOISE 150mA LDO REGULATOR
NO. EA-126-0607
1
OUTLINE
The R1116x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, low supply
current, low on Resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a short current limit circuit, a chip enable circuit, and so on.
These ICs perform with low dropout voltage and the chip-enable function. The supply current at no load of this
IC is only 10
µA, and the line transient response and the load transient response of the R1116x Series are
excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment.
The supply current at no load of R1116x Series is remarkably reduced compared with R1114x Series. The
mode change signal to reduce the supply current is not necessary. The output voltage accuracy is also improved.
(
±1.5%)
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5
and SON1612-6 therefore high density mounting of the ICs on boards is possible.
R1126N Series that a pin configuration differs from R1116N Series are available.
FEATURES
• Low Supply Current ............................................................. Typ. 10µA
• Standby Current ................................................................... Typ. 0.1µA
• Input Voltage Range ............................................................ 1.8V to 6.0V
• Output Voltage Range.......................................................... 1.5V to 4.0V
• Low Dropout Voltage............................................................ Typ. 0.29V (IOUT=150mA,VOUT=2.8V)
• High Ripple Rejection .......................................................... Typ. 70dB (f=1kHz, VOUT=3.0V)
Typ. 53dB (f
=10kHz)
• High Output Voltage Accuracy .............................................±1.5% (1.5V <
= VOUT <
= 3.0V), ±2.0% (VOUT>3.0V)
• Low Temperature-Drift Coefficient of Output Voltage........... Typ. ±100ppm/°C
• Excellent Line Regulation .................................................... Typ. 0.02%/V
• Small Packages ................................................................. SOT-23-5 , SON1612-6
• Built-in Fold Back Protection Circuit .................................... Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC ... CIN=COUT=1.0µF (Ceramic)
APPLICATIONS
• Power source for portable communication equipment.
• Power source for portable music player.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R1116N401D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1116N401H-TR-FE NISSHINBO-R1116N401H-TR-FE Datasheet
563Kb / 22P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1116N401D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com