Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1114N331A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1114N331A
Description  LOW NOISE 150mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1114N331A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1114N331A Datasheet HTML 1Page - RICOH electronics devices division R1114N331A Datasheet HTML 2Page - RICOH electronics devices division R1114N331A Datasheet HTML 3Page - RICOH electronics devices division R1114N331A Datasheet HTML 4Page - RICOH electronics devices division R1114N331A Datasheet HTML 5Page - RICOH electronics devices division R1114N331A Datasheet HTML 6Page - RICOH electronics devices division R1114N331A Datasheet HTML 7Page - RICOH electronics devices division R1114N331A Datasheet HTML 8Page - RICOH electronics devices division R1114N331A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
R1114x
3
SELECTION GUIDE
The output voltage, version, and the taping type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
R1114xxx1x-xx ←Part Number
↑ ↑ ↑ ↑
a b
c
d
Code
Contents
a
Designation of Package Type:
N: SOT-23-5
D: SON1612-6
Q: SC-82AB
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 1.5V to 4.0V is possible.
c
Designation of Active Type:
A: active low type
B: active high type
D: active high, with auto discharge
d
Designation of Taping Type:
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)


Similar Part No. - R1114N331A

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
R1114N151H-TR-AE NISSHINBO-R1114N151H-TR-AE Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
R1114N151L-TR-AE NISSHINBO-R1114N151L-TR-AE Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
R1114N151L-TR-FE NISSHINBO-R1114N151L-TR-FE Datasheet
310Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
R1114N401H-TR-AE NISSHINBO-R1114N401H-TR-AE Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
More results

Similar Description - R1114N331A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com