Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP30 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIP30
Description  PNP SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP30 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIP30 Datasheet HTML 1Page - Power Innovations Ltd TIP30 Datasheet HTML 2Page - Power Innovations Ltd TIP30 Datasheet HTML 3Page - Power Innovations Ltd TIP30 Datasheet HTML 4Page - Power Innovations Ltd TIP30 Datasheet HTML 5Page - Power Innovations Ltd TIP30 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
JULY 1968 - REVISED MARCH 1997
TIP30, TIP30A,TIP30B, TIP30C
PNP SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·001
-0·01
-0·1
-1·0
1
10
100
1000
TCS632AD
V
CE = -4 V
T
C = 25°C
t
p = 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - mA
-0·1
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
TCS632AE
I
C = -100 mA
I
C = -300 mA
I
C = -1 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·01
-0·1
-1·0
-0·5
-0·6
-0·7
-0·8
-0·9
-1·0
TCS632AF
V
CE = -4 V
T
C = 25°C


Similar Part No. - TIP30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Central Semiconductor C...
TIP30 CENTRAL-TIP30 Datasheet
351Kb / 2P
   SILICON PNP POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
   Medium Power Linear Switching Applications
logo
Micro Commercial Compon...
TIP30 MCC-TIP30 Datasheet
200Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
   COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
More results

Similar Description - TIP30

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com