Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1121N Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1121N
Description  LOW NOISE 150mA LDO REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1121N_02 Datasheet HTML 1Page - RICOH electronics devices division R1121N_02 Datasheet HTML 2Page - RICOH electronics devices division R1121N_02 Datasheet HTML 3Page - RICOH electronics devices division R1121N_02 Datasheet HTML 4Page - RICOH electronics devices division R1121N_02 Datasheet HTML 5Page - RICOH electronics devices division R1121N_02 Datasheet HTML 6Page - RICOH electronics devices division R1121N_02 Datasheet HTML 7Page - RICOH electronics devices division R1121N_02 Datasheet HTML 8Page - RICOH electronics devices division R1121N_02 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LOW NOISE 150mA LDO REGULATOR
516(5,(6
1
51B(GRF
NO. EA-058-0204
OUTLINE
7KH 51 6HULHV DUH &026EDVHG YROWDJH UHJXODWRU ,&V ZLWK KLJK RXWSXW YROWDJH DFFXUDF\ H[WUHPHO\ ORZ VXS
SO\ FXUUHQW ORZ 21UHVLVWDQFH DQG KLJK ULSSOH UHMHFWLRQ (DFK RI WKHVH YROWDJH UHJXODWRU ,&V FRQVLVWV RI D YROWDJH UHI
HUHQFH XQLW DQ HUURU DPSOLILHU UHVLVWRUV D FXUUHQW OLPLW FLUFXLW DQG D FKLS HQDEOH FLUFXLW 7KHVH ,&V SHUIRUP ZLWK ORZ
GURSRXW YROWDJHDQGDFKLS HQDEOHIXQFWLRQ
7KH OLQH WUDQVLHQW UHVSRQVH DQG ORDG WUDQVLHQW UHVSRQVH RI WKH 51 6HULHV DUH H[FHOOHQW WKXV WKHVH ,&V DUH
YHU\ VXLWDEOHIRUWKH SRZHUVXSSO\IRUKDQGKHOGFRPPXQLFDWLRQ HTXLSPHQW
7KHRXWSXW YROWDJHRIWKHVH ,&V LVIL[HG ZLWK KLJKDFFXUDF\
6LQFH WKH SDFNDJH IRU WKHVH ,&V LV 627 0LQLPROG SDFNDJH KLJK GHQVLW\ PRXQWLQJ RI WKH ,&V RQ ERDUGV LV
SRVVLEOH
FEATURES
• 8OWUD/RZ 6XSSO\&XUUHQW  7\Sµ$
• 6WDQGE\0RGH 7\Sµ$
• /RZ'URSRXW9ROWDJH  7\S9,287
P$
• +LJK5LSSOH5HMHFWLRQ  7\SGEI
N+]
• /RZ7HPSHUDWXUH'ULIW &RHIILFLHQWRI2XWSXW9ROWDJH 7\S ±SSP°&
• ([FHOOHQW/LQH5HJXODWLRQ 7\S9
• +LJK$FFXUDF\ 2XWSXW9ROWDJH  ±
• 6PDOO3DFNDJH  6270LQLPROG
• 2XWSXW9ROWDJH  6WHSZLVH VHWWLQJZLWK D VWHS RI 9 LQ WKH UDQJH RI 9 WR
9LVSRVVLEOH
• %XLOWLQ&KLS(QDEOH&LUFXLW7\SHV$DFWLYH´/µ%DFWLYH´+µ
• 3LQRXW 6LPLODUWRWKH7.7.
APPLICATIONS
• 3RZHUVRXUFHIRUFHOOXODUSKRQHVVXFK DV *60&'0$DQG YDULRXVNLQGRI3&6V
• 3RZHUVRXUFH IRUGRPHVWLF DSSOLDQFHV VXFKDVFDPHUDV9&5VDQG FDPFRUGHUV
• 3RZHUVRXUFHIRU EDWWHU\SRZHUHG HTXLSPHQW


Similar Part No. - R1121N_02

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1121N20A1-TR-FE RICOH-R1121N20A1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N20B1-TR-FE RICOH-R1121N20B1-TR-FE Datasheet
233Kb / 18P
   LOW NOISE 150mA LDO REGULATOR
R1121N301A RICOH-R1121N301A Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TL RICOH-R1121N301A-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TR RICOH-R1121N301A-TR Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1121N_02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com