Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR153G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # FR153G
Description  1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR153G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  FR153G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR153G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (FR151G THRU FR157G)
FIG.4- TYPICAL JUNCTION CAPACITANCE
5
10
100
50
10
1
1
100
REVERSE VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
0
.25
.50
.75
1.00
1.25
1.50
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
20
10
0
50
60
40
30
1
1
24
10
68
40
20
60
80 100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=55 C
0
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Version: A06
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.6
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10
.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
Tj=25 C
0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
1000
100
10
1
0.1
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0


Similar Part No. - FR153G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR153G RECTRON-FR153G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Shanghai Shunye Electro...
FR153G SHUNYE-FR153G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Galaxy Semi-Conductor H...
FR153G BILIN-FR153G Datasheet
52Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR153G SMC-FR153G Datasheet
160Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
FR153G JGD-FR153G Datasheet
138Kb / 2P
   1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR153G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_10 Datasheet
434Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR151G JGD-FR151G Datasheet
138Kb / 2P
   1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP15A TSC-RGP15A Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
1N5391G DYELEC-1N5391G Datasheet
694Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
1N5391G LUGUANG-1N5391G Datasheet
94Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G Datasheet
47Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
1N5391G TSC-1N5391G_1 Datasheet
226Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
1N5391G TSC-1N5391G_10 Datasheet
482Kb / 2P
   1.5 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1N5391G JGD-1N5391G Datasheet
131Kb / 2P
   1.5 AMPS . GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com