Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ64A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 3.0SMCJ64A
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

3.0SMCJ64A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  3.0SMCJ64A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ64A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ64A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ64A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 615 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
3.0SMCJ45
HFU
50.0 / 61.1
1.0
45
2.0
37.4
80.3
3.0SMCJ45A
HFV
50.0 / 55.3
1.0
45
2.0
41.2
72.7
3.0SMCJ48
HFW
53.3 / 65.1
1.0
48
2.0
35.0
85.5
3.0SMCJ48A
HFX
53.3 / 58.9
1.0
48
2.0
38.8
77.4
3.0SMCJ51
HFY
56.7 / 69.3
1.0
51
2.0
37.0
91.1
3.0SMCJ51A
HFZ
56.7 / 62.7
1.0
51
2.0
36.4
82.4
3.0SMCJ54
HGD
60.0 / 73.3
1.0
54
2.0
31.2
96.3
3.0SMCJ54A
HGE
60.0 / 66.3
1.0
54
2.0
34.4
87.1
3.0SMCJ58
HGF
64.4 / 78.7
1.0
58
2.0
39.2
103
3.0SMCJ58A
HGG
64.4 / 71.2
1.0
58
2.0
32.0
93.6
3.0SMCJ60
HGH
66.7 / 81.5
1.0
60
2.0
28.0
107
3.0SMCJ60A
HGK
66.7 / 73.7
1.0
60
2.0
31.0
96.8
3.0SMCJ64
HGL
71.1 / 86.9
1.0
64
2.0
26.4
114
3.0SMCJ64A
HGM
71.1 / 78.6
1.0
64
2.0
29.2
103
3.0SMCJ70
HGN
77.8 / 95.1
1.0
70
2.0
24.0
125
3.0SMCJ70A
HGP
77.8 / 86.0
1.0
70
2.0
26.6
113
3.0SMCJ75
HGQ
83.3 / 102
1.0
75
2.0
22.4
134
3.0SMCJ75A
HGR
83.3 / 92.1
1.0
75
2.0
24.8
121
3.0SMCJ78
HGS
86.7 / 106
1.0
78
2.0
21.6
139
3.0SMCJ78A
HGT
86.7 / 95.8
1.0
78
2.0
22.8
126
3.0SMCJ85
HGU
94.4 / 115
1.0
85
2.0
19.8
151
3.0SMCJ85A
HGV
94.4 / 104
1.0
85
2.0
20.8
137
3.0SMCJ90
HGW
100 / 122
1.0
90
2.0
18.8
160
3.0SMCJ90A
HGX
100 / 111
1.0
90
2.0
20.6
146
3.0SMCJ100
HGY
111 / 136
1.0
100
2.0
16.8
179
3.0SMCJ100A
HGZ
111 / 123
1.0
100
2.0
18.6
162
3.0SMCJ110
HHD
122 / 149
1.0
110
2.0
15.4
196
3.0SMCJ110A
HHE
122 / 135
1.0
110
2.0
16.8
177
3.0SMCJ120
HHF
133 / 163
1.0
120
2.0
14.0
214
3.0SMCJ120A
HHG
133 / 147
1.0
120
2.0
15.6
193
3.0SMCJ130
HHH
144 / 176
1.0
130
2.0
13.0
231
3.0SMCJ130A
HHK
144 / 159
1.0
130
2.0
14.4
209
3.0SMCJ150
HHL
167 / 204
1.0
150
2.0
11.2
268
3.0SMCJ150A
HHM
167 / 185
1.0
150
2.0
12.4
243
3.0SMCJ160
HHN
178 / 218
1.0
160
2.0
10.4
287
3.0SMCJ160A
HHP
178 / 197
1.0
160
2.0
11.6
259
3.0SMCJ170
HHQ
189 / 231
1.0
170
2.0
9.8
304
3.0SMCJ170A
HHR
189 / 209
1.0
170
2.0
11.0
275
Notes:
1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent.
2. Surge current waveform per Fig. 3 and derate per Figure 2.
3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled
4. all terms and symbols are consistent with ANSI/IEEE C62.35


Similar Part No. - 3.0SMCJ64A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ64A WTE-3.0SMCJ64A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
3.0SMCJ64A FCI-3.0SMCJ64A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3.0SMCJ64A WTE-3.0SMCJ64A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
3.0SMCJ64A FORMOSA-3.0SMCJ64A Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
3.0SMCJ64A TSC-3.0SMCJ64A Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ64A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com