Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ22A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 3.0SMCJ22A
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

3.0SMCJ22A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  3.0SMCJ22A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ22A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ22A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 3.0SMCJ22A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 614 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown
Maximum
Maximum
Device Type
Device
Voltage
Test
Stand-off
Reverse
Peak Pulse
Maximum
Modified
Marking
V(BR) (Volts)
Current
voltage
Leakage
Surge
Clamping
"J" Bend Lead
Code
(Note 1)
at IT(mA)
VWM(Volts)
at VWM
Current IPPM
Voltage at IPPM
(MIN / MAX)
(Note 3) ID(uA)
(Note 2) (Amps)
VC(Volts)
3.0SMCJ5.0
HDD
6.40 / 7.3
10
5.0
1000
312.5
9.6
3.0SMCJ5.0A
HDE
6.40 / 7.0
10
5.0
1000
326.0
9.2
3.0SMCJ6.0
HDF
6.67 / 8.15
10
6.0
1000
263.2
11.4
3.0SMCJ6.0A
HDG
6.67 / 7.37
10
6.0
1000
291.3
10.3
3.0SMCJ6.5
HDH
7.22 / 8.82
10
6.5
500
243.9
12.3
3.0SMCJ6.5A
HDK
7.22 / 7.98
10
6.5
500
267.9
11.2
3.0SMCJ7.0
HDL
7.78 / 9.51
10
7.0
200
225.6
13.3
3.0SMCJ7.0A
HDM
7.78 / 8.60
10
7.0
200
250.0
12.0
3.0SMCJ7.5
HDN
8.33 / 10.2
1.0
7.5
100
209.8
14.3
3.0SMCJ7.5A
HDP
8.33 / 9.21
1.0
7.5
100
232.6
12.9
3.0SMCJ8.0
HDQ
8.89 / 10.9
1.0
8.0
50
200.0
15.0
3.0SMCJ8.0A
HDR
8.89 / 9.83
1.0
8.0
50
220.6
13.6
3.0SMCJ8.5
HDS
9.44 / 11.5
1.0
8.5
25
188.6
15.9
3.0SMCJ8.5A
HDT
9.44 / 10.4
1.0
8.5
25
208.4
14.4
3.0SMCJ9.0
HDU
10.0 / 12.2
1.0
9.0
10
177.4
16.9
3.0SMCJ9.0A
HDV
10.0 / 11.1
1.0
9.0
10
194.8
15.4
3.0SMCJ10
HDW
11.1 / 13.6
1.0
10
5.0
159.6
18.8
3.0SMCJ10A
HDX
11.1 / 12.3
1.0
10
5.0
176.4
17.0
3.0SMCJ11
HDY
12.2 / 14.9
1.0
11
5.0
149.2
20.1
3.0SMCJ11A
HDZ
12.2 / 13.5
1.0
11
5.0
164.8
18.2
3.0SMCJ12
HED
13.3 / 16.3
1.0
12
5.0
136.4
22.0
3.0SMCJ12A
HEE
13.3 / 14.7
1.0
12
5.0
150.6
19.9
3.0SMCJ13
HEF
14.4 / 17.6
1.0
13
5.0
126.0
23.8
3.0SMCJ13A
HEG
14.4 / 15.9
1.0
13
5.0
139.4
21.5
3.0SMCJ14
HEH
15.6 / 19.1
1.0
14
2.0
116.2
25.8
3.0SMCJ14A
HEK
15.6 / 17.2
1.0
14
2.0
129.4
23.2
3.0SMCJ15
HEL
16.7 / 20.4
1.0
15
2.0
111.6
26.9
3.0SMCJ15A
HEM
16.7 / 18.5
1.0
15
2.0
123.0
24.4
3.0SMCJ16
HEN
17.8 / 21.8
1.0
16
2.0
104.2
28.8
3.0SMCJ16A
HEP
17.8 / 19.7
1.0
16
2.0
115.4
26.0
3.0SMCJ17
HEQ
18.9 / 23.1
1.0
17
2.0
98.4
30.5
3.0SMCJ17A
HER
18.9 / 20.9
1.0
17
2.0
106.6
27.6
3.0SMCJ18
HES
20.0 / 24.4
1.0
18
2.0
93.2
32.2
3.0SMCJ18A
HET
20.0 / 22.1
1.0
18
2.0
102.8
29.2
3.0SMCJ20
HEU
22.2 / 27.1
1.0
20
2.0
83.8
35.8
3.0SMCJ20A
HEV
22.2 /24.5
1.0
20
2.0
92.6
32.4
3.0SMCJ22
HEW
24.4 / 29.8
1.0
22
2.0
74.2
39.4
3.0SMCJ22A
HEX
24.4 / 26.9
1.0
22
2.0
84.4
35.5
3.0SMCJ24
HEY
26.7 / 32.6
1.0
24
2.0
69.8
43.0
3.0SMCJ24A
HEZ
26.7 / 29.5
1.0
24
2.0
77.2
38.9
3.0SMCJ26
HFD
28.9 / 35.3
1.0
26
2.0
64.4
46.6
3.0SMCJ26A
HFE
28.9 / 31.9
1.0
26
2.0
71.2
42.1
3.0SMCJ28
HFF
31.1 / 38.0
1.0
28
2.0
60.0
50.0
3.0SMCJ28A
HFG
31.1 / 34.4
1.0
28
2.0
66.0
45.4
3.0SMCJ30
HFH
33.3 / 40.7
1.0
30
2.0
56.0
53.5
3.0SMCJ30A
HFK
33.3 / 36.8
1.0
30
2.0
62.0
48.4
3.0SMCJ33
HFL
36.7 / 44.9
1.0
33
2.0
50.4
59.0
3.0SMCJ33A
HFM
36.7 / 40.6
1.0
33
2.0
56.2
53.3
3.0SMCJ36
HFN
40.0 / 48.9
1.0
36
2.0
46.6
64.3
3.0SMCJ36A
HFP
40.0 / 44.2
1.0
36
2.0
51.6
58.1
3.0SMCJ40
HFQ
44.4 / 54.3
1.0
40
2.0
42.0
71.4
3.0SMCJ40A
HFR
44.4 / 49.1
1.0
40
2.0
46.4
64.5
3.0SMCJ43
HFS
47.8 / 58.4
1.0
43
2.0
39.2
76.7
3.0SMCJ43A
HFT
47.8 / 52.8
1.0
43
2.0
43.2
69.4


Similar Part No. - 3.0SMCJ22A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ22A WTE-3.0SMCJ22A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ22A TAYCHIPST-3.0SMCJ22A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3.0SMCJ22A RECTRON-3.0SMCJ22A Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ22A WTE-3.0SMCJ22A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
3.0SMCJ22A FCI-3.0SMCJ22A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3.0SMCJ22A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com