Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRI512W4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRI512W4
Description  13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512W4 Datasheet(HTML) 1 Page - STMicroelectronics

  SRI512W4 Datasheet HTML 1Page - STMicroelectronics SRI512W4 Datasheet HTML 2Page - STMicroelectronics SRI512W4 Datasheet HTML 3Page - STMicroelectronics SRI512W4 Datasheet HTML 4Page - STMicroelectronics SRI512W4 Datasheet HTML 5Page - STMicroelectronics SRI512W4 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2006
Rev 2
1/6
6
SRI512
13.56-MHz Short-range Contactless Memory Chip
with 512-bit EEPROM and Anti-Collision functions
Features
ISO 14443 - 2 Type B Air Interface Compliant
ISO 14443 - 3 Type B Frame Format Compliant
13.56MHz Carrier Frequency
847kHz Sub-carrier Frequency
106 kbit/second Data Transfer
8-bit Chip_ID based anticollision system
2 Count-Down Binary Counters with automated
Anti-tearing protection
64-bit Unique Identifier
512-bit EEPROM with Write Protect feature
Read Block and Write Block (32 bits)
Internal Tuning Capacitor
1million Erase/Write Cycles
40-Year Data Retention
Self-Timed Programming Cycle
5ms Typical Programming Time
Wafer
Antenna (
A3)
Antenna (A4)
Antenna (
A5)
www.st.com


Similar Part No. - SRI512W4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512-SBN181GE STMICROELECTRONICS-SRI512-SBN181GE Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512-W41GE STMICROELECTRONICS-SRI512-W41GE Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
More results

Similar Description - SRI512W4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_12 Datasheet
470Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512 Datasheet
475Kb / 49P
   13.56 MHz short-range Contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
   13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com