Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A10G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 6A10G
Description  6.0 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A10G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  6A10G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A10G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 542 -
6A05G THRU 6A100G
6.0 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
6.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Weight: 1.65 grams
R-6
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
6A
05G
6A
10G
6A
20G
6A
40G
6A
60G
6A
80G
6A
100G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 50
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
250
A
Maximum Instantaneous Forward Voltage
@6.0A
VF
1.1
1.0
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
10
100
uA
uA
Typical Junction Capacitance ( Note 1)
Cj
60
pF
Typical Thermal Resistance (Note 2)
R
θJA
35
O
C/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - 6A10G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A10G JGD-6A10G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
6A10G LRC-6A10G Datasheet
311Kb / 7P
   Glass Passivated JunctionGeneral Purpose Plastic Rectifiers
logo
Chongqing Pingwei Enter...
6A10G CHONGQING-6A10G Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
Dc Components
6A10G DCCOM-6A10G Datasheet
469Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
6A10G KISEMICONDUCTOR-6A10G Datasheet
75Kb / 2P
   GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current -6.0Amperes
More results

Similar Description - 6A10G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G_1 Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
GT605 TSC-GT605 Datasheet
71Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
6A05G DYELEC-6A05G Datasheet
529Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G_10 Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
SF61G TSC-SF61G Datasheet
67Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SFD601G TSC-SFD601G Datasheet
62Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated Super Fast Rectifiers
FR601G TSC-FR601G_08 Datasheet
25Kb / 1P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G_1 Datasheet
249Kb / 2P
   6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
HER601G TSC-HER601G_10 Datasheet
585Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com