Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP136 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIP136
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP136 Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIP136 Datasheet HTML 1Page - Power Innovations Ltd TIP136 Datasheet HTML 2Page - Power Innovations Ltd TIP136 Datasheet HTML 3Page - Power Innovations Ltd TIP136 Datasheet HTML 4Page - Power Innovations Ltd TIP136 Datasheet HTML 5Page - Power Innovations Ltd TIP136 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP135, TIP136, TIP137
PNP SILICON POWER DARLINGTONS
2
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -30 mA
IB = 0
(see Note 5)
TIP135
TIP136
TIP137
-60
-80
-100
V
ICEO
Collector-emitter
cut-off current
VCE = -30 V
VCE = -40 V
VCE = -50 V
IB = 0
IB = 0
IB = 0
TIP135
TIP136
TIP137
-0.5
-0.5
-0.5
mA
ICBO
Collector cut-off
current
VCB = -60 V
VCB = -80 V
VCB = -100 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 100°C
TC = 100°C
TC = 100°C
TIP135
TIP136
TIP137
TIP135
TIP136
TIP137
-0.2
-0.2
-0.2
-1
-1
-1
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC = 0
-5
mA
hFE
Forward current
transfer ratio
VCE =
-4 V
VCE =
-4 V
IC = -1 A
IC = -4 A
(see Notes 5 and 6)
500
1000
15000
VCE(sat)
Collector-emitter
saturation voltage
IB = -16 mA
IB = -30 mA
IC = -4 A
IC = -6 A
(see Notes 5 and 6)
-2
-3
V
VBE
Base-emitter
voltage
VCE =
-4 V
IC = -4 A
(see Notes 5 and 6)
-2.5
V
Cobo
Output capacitance
VCB = -10 V
IE = 0
200
pF
VEC
Parallel diode
forward voltage
IE =
-8 A
IB = 0
(see Notes 5 and 6)
-3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.78
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W


Similar Part No. - TIP136

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP136 MOSPEC-TIP136 Datasheet
150Kb / 3P
   POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Transys Electronics
TIP136 TRSYS-TIP136 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP136 STMICROELECTRONICS-TIP136 Datasheet
41Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP136 TEL-TIP136 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP136 ISC-TIP136 Datasheet
105Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - TIP136

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com