Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LVT162245AWD Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54LVT162245AWD
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LVT162245AWD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54LVT162245AWD Datasheet HTML 2Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 3Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 4Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 5Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 6Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 7Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 8Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 9Page - Texas Instruments SNJ54LVT162245AWD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Switching Characteristics
SN54LVT162245A
,, SN74LVT162245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS714D – FEBRUARY 2000 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT162245A(1)
SN74LVT162245A
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN TYP(2)
MAX
MIN
MAX
tPLH
1
3.5
4
1
2.3
3.3
3.7
A
B
ns
tPHL
1
3.5
3.9
1
2.2
3.3
3.5
tPLH
1
4.3
5.3
1
2.8
4
4.6
B
A
ns
tPHL
1
4.2
4.5
1
2.5
3.4
3.6
tPZH
1
4.8
5.9
1
2.8
4.6
5.4
OE
B
ns
tPZL
1
4.8
5.5
1
3
4.6
5.2
tPZH
1
5.5
7.2
1
3.3
5.3
6.3
OE
A
ns
tPZL
1
5.4
6.4
1
3.3
5.1
5.8
tPHZ
1.5
5.5
5.8
1.5
3.8
5.2
5.5
OE
B
ns
tPLZ
1.5
5.5
5.8
1.5
3.5
5.1
5.4
tPHZ
1.5
5.8
6.5
1.5
4
5.6
5.9
OE
A
ns
tPLZ
1.2
6.3
6.3
1.5
3.8
5.5
5.5
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Similar Part No. - SNJ54LVT162245AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LVT162245AWD TI-SNJ54LVT162245AWD Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SNJ54LVT162245AWD TI-SNJ54LVT162245AWD Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54LVT162245AWD TI-SNJ54LVT162245AWD Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54LVT162245AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com