Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3238 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C3238
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3238 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65C3238 Datasheet HTML 7Page - Texas Instruments SN65C3238 Datasheet HTML 8Page - Texas Instruments SN65C3238 Datasheet HTML 9Page - Texas Instruments SN65C3238 Datasheet HTML 10Page - Texas Instruments SN65C3238 Datasheet HTML 11Page - Texas Instruments SN65C3238 Datasheet HTML 12Page - Texas Instruments SN65C3238 Datasheet HTML 13Page - Texas Instruments SN65C3238 Datasheet HTML 14Page - Texas Instruments SN65C3238 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SN65C3238, SN75C3238
3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS352F − JUNE 1999 − REVISED OCTOBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VCC
C1
C2, C3, and C4
3.3 V
± 0.15 V
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.22
µF
0.047
µ F
0.22
µF
0.1
µF
0.22
µF
0.33
µF
1
µF
VCC vs CAPACITOR VALUES
Auto-
powerdown
Plus
+
+
+
+
+
4
5
6
7
8
9
10
11
12
13
14
3
1
2
28
27
26
24
25
23
22
21
20
19
18
17
16
15
C2
CBYPASS = 0.1 µF
C1
C4
C2+
GND
C2−
V−
C1+
V+
VCC
C1−
DIN1
DIN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
DIN5
ROUT1B
INVALID
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
DOUT5
FORCEON
FORCEOFF
5 k
5 k
5 k
† C3 can be connected to VCC or GND.
NOTE A: Resistor values shown are nominal.
C3†
Logic I/Os
Serial Port
Figure 6. Typical Operating Circuit and Capacitor Values


Similar Part No. - SN65C3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3238 TI-SN65C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238 Datasheet
307Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238 Datasheet
459Kb / 18P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH 짹15-kV IEC ESD PROTECTION
SN65C3238 TI-SN65C3238 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238DB TI-SN65C3238DB Datasheet
307Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN65C3238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3243 TI1-SN65C3243_15 Datasheet
889Kb / 21P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com