Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2M62Z Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 2M62Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M62Z Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  2M62Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M62Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M62Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M62Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (2M11Z THRU 2M200Z)
FIG.1- TYPICAL THERMAL RESPONSEL
PW, PULSE WIDTH (ms)
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
1
2
3
10
20
30
0.3
5
0.5
0.7
7
FIG.4- UNIT TO 12 VOLTS
V , ZENER VOLTAGE @I
(VOLTS)
ZZT
FIG.5- UNIT 10 TO 200 VOLTS
V , ZENER VOLTAGE @I
(VOLTS)
ZZT
3456789
10
11
12
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
RANGE
RANGE
V@ I
ZZT
V@ I
ZZT
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
FIG.2- MAXIMUM SURGE POWER
FIG.3- TYPICAL REVERSE LEAKAGE
500
100
150
250
10
20
50
40
RECTANGULAR NONREPETITIVE
WAVEFORM T = 25 C PRIOR TO
INITIAL PULSE
J
O
SINGLE PULSE
TJL =
JL(1)PPK
REPETITIVE PULSES
TJL =
JL(1,D)PPK
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
D=0
NOTE BELOW 0.1 SECOND.
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH (L)
PW, PULSE WIDTH (ms)
0.0001
0.0002
0.0003
0.0005
0.001
0.002
0.003
0.005
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
NORMAL V (VOLTS)
Z
100
120
140
160
180
200
020406080
12
5
10
20
50
100
200
500
1000
12
5
10
20
50
100
0.1
0.2
0.5
DUTY CYCLE, D=t1 t2
PPK
t2
t1
Version: A06


Similar Part No. - 2M62Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M62Z TSC-2M62Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M62Z TSC-2M62Z Datasheet
260Kb / 6P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M62Z TSC-2M62Z Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M62Z LUGUANG-2M62Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M62Z LUGUANG-2M62Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M62Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_13 Datasheet
260Kb / 6P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M100Z LUGUANG-2M100Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M11Z LUGUANG-2M11Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com