Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A01G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2A01G
Description  2.0 AMPS. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2A01G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2A01G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2A01G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (2A01G THRU 2A07G)
FIG.4- TYPICAL JUNCTION CAPACITANCE
0
0
1
0
1
1
1
100
10
REVERSE VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
100
125
150
175
0
1
2
AMBIENT TEMPERATURE. ( C)
o
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
FORWARD VOLTAGE. (V)
FIG.3- MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
1
10
100
10
40
50
60
70
80
90
30
20
100
NUMBER OF CYCLES AT 60Hz
FIG.2- TYPICAL REVERSE CHARACTERISTICS
120
140
0
20
40
60
80
100
PERCENT RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=75 C
0
Tj=25 C
0
Version: A06
2A03G-2A07G
2A01G-2A02G
100
10
1
0.1
0.01


Similar Part No. - 2A01G_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A01G DIODES-2A01G_1 Datasheet
66Kb / 3P
   2.0A GLASS PASSIVATED RECTIFIER
DS29006 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G_10 Datasheet
499Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
2A01G TSC-2A01G_14 Datasheet
202Kb / 4P
   Glass Passivated Rectifiers
More results

Similar Description - 2A01G_1

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RL201G DYELEC-RL201G Datasheet
893Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G Datasheet
59Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G_10 Datasheet
499Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
RL201GU DYELEC-RL201GU Datasheet
911Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Daya Electric Group Co....
RL201 DAYA-RL201 Datasheet
240Kb / 2P
   2.0 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
   2.0 Amps Glass passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
   2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com