Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2309SC-1T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SL2309SC-1T
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309SC-1T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SL2309SC-1T Datasheet HTML 1Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 2Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 3Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309SC-1T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev 1.1, May 29, 2007
Page 5 of 12
SL2309
Absolute Maximum Ratings
Description
Condition
Min
Max
Unit
Supply voltage, VDD
– 0.5
4.6
V
All Inputs and Outputs
– 0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
85
°C
Ambient Operating Temperature
In operation, I-Grade
– 40
85
°C
Storage Temperature
No power is applied
– 65
150
°C
Junction Temperature
In operation, power is applied
125
°C
Soldering Temperature
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
V
Operating Conditions: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
3.3V Supply Voltage
3.3V+/-10%
3.0
3.6
V
Commercial
0
85
°C
TA
Operating Temperature(Ambient)
Industrial
– 40
85
°C
10 to 140 MHz, -1H high drive
All active PLL modes
15
pF
CLOAD
Load Capacitance
10 to 100 MHz, -1H high drive
All active PLL modes
30
pF
10 to 100MHz, -1 standard drive
All active PLL modes
15
pF
10 to 66MHz, -1 standard drive
All active PLL modes
30
pF
CIN
Input Capacitance
S1, S2 and CLKIN pins
7
pF
tpu
Power-up Time
Power-up time for all VDDs to reach
minimum VDD voltage (VDD=3.0V).
0.05
100
ms
CLBW
Closed-loop bandwidth
3.3V, (typical)
1.2
MHz
3.3V, (typical), -1H high drive
22
ZOUT
Output Impedance
3.3V, (typical), -1 standard drive
32


Similar Part No. - SL2309SC-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2309SC-1T SPECTRALINEAR-SL2309SC-1T Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
More results

Similar Description - SL2309SC-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com