Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA8V2 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA8V2
Description  Surface Mount Glass Passivated Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA8V2 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SMA8V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA8V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA8V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
(TA=25
OC unless otherwise noted) VF=1.0V max, IF=0.5A for all types.
Zener (1)
Maximum
T;ypical
Max.
Device
Voltage
Zener
Temperature
Test
Regulator
Device
Marking
Rabge
Impedance
Coeficient
Current
Current @ 45
OC
(Note 1)
Code
Vz @ Izt
ZZT @ IZT
@ IZT
IZT
IZM
(V)
Ohms
(% /
OC)
mA
uA
Volts
(mA)
1SMA6V8
EE
6.4-7.2
3
+0.035
100
5.0
4.0
147
1SMA7V5
ED
7.0-7.9
3
+0.035
100
5.0
5.0
133
1SMA8V2
EF
7.7-8.7
4
+0.055
100
5.0
6.0
122
1SMA9V1
EG
8.5-9.6
4
+0.055
50
5.0
7.0
110
1SMA10
EH
9.4-10.6
4
+0.070
50
1.0
7.5
105
1SMA11
EK
10.4-11.6
7
+0.075
50
1.0
8.2
97
1SMA12
EL
11.4-12.7
7
+0.075
50
1.0
9.1
88
1SMA13
EM
12.4-14.1
10
+0.075
50
1.0
10
79
1SMA15
EN
13.8-15.8
10
+0.075
50
1.0
11
71
1SMA16
EP
15.3-17.1
15
+0.085
25
1.0
12
66
1SMA18
EQ
16.8-19.1
15
+0.085
25
1.0
13
62
1SMA20
ER
18.2-21.2
15
+0.085
25
1.0
15
56
1SMA22
ES
20.8-23.3
15
+0.085
25
1.0
16
52
1SMA24
ET
22.8-25.6
15
+0.085
25
1.0
18
47
1SMA27
EU
25.1-28.9
15
+0.085
25
1.0
20
41
1SMA30
EV
28-32
15
+0.085
25
1.0
22
36
1SMA33
EW
31-35
15
+0.085
25
1.0
24
33
1SMA36
EX
34-38
40
+0.085
10
1.0
27
30
1SMA39
EY
37-41
40
+0.085
10
1.0
30
28
1SMA43
EZ
40-46
45
+0.095
10
1.0
33
26
1SMA47
FD
44-50
45
+0.095
10
1.0
36
23
1SMA51
FF
48-54
60
+0.095
10
1.0
39
21
1SMA56
FG
52-60
60
+0.095
10
1.0
43
19
1SMA62
FH
58-66
80
+0.105
10
1.0
47
16
1SMA68
FK
64-72
80
+0.105
10
1.0
51
15
1SMA75
FL
70-80
100
+0.105
10
1.0
56
14
1SMA82
FM
77-87
100
+0.105
10
1.0
62
12
1SMA91
NF
85-96
200
+0.110
5.0
1.0
68
10
1SMA100
FP
94-106
200
+0.110
5.0
1.0
75
9.4
1SMA110
FQ
104-116
250
+0.110
5.0
1.0
82
8.6
1SMA120
FR
114-127
250
+0.110
5.0
1.0
91
7.8
1SMA130
FS
124-141
300
+0.110
5.0
1.0
100
7.0
1SMA150
FT
138-156
300
+0.110
5.0
1.0
110
6.4
1SMA160
FU
153-171
350
+0.110
5.0
1.0
120
5.8
1SMA180
FV
168-191
400
+0.110
5.0
1.0
130
5.2
1SMA200
FW
188-212
500
+0.110
5.0
1.0
150
4.7
Note: 1: Tested with Pulses.
Pulse test: tp ≦50ms, δ<2%.
Max Reverse
Leakage Current
IR @ VR


Similar Part No. - 1SMA8V2

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SMA8.0 SUNMATE-1SMA8.0 Datasheet
692Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMA8.0A SUNMATE-1SMA8.0A Datasheet
692Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Motorola, Inc
1SMA8.0AT3 MOTOROLA-1SMA8.0AT3 Datasheet
88Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMA8.0AT3 ONSEMI-1SMA8.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA8.0AT3 ONSEMI-1SMA8.0AT3 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
More results

Similar Description - 1SMA8V2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com