Part Name
         Description
1SMA6V8

 Surface Mount Glass Passivated Zener Diode ( 3 Page)


TSC
100% 
Zoom Out Zoom In
   
 1 page
background image
1SMA6V8 THRU 1SMA200
Surface Mount Glass Passivated Zener Diode
Voltage Range
6.2 to 200 Volts
1.3 Watts Peak Power
Features
For surface mounted applications in order to optimize
board space
Low profile package
Glass passivated junction
Low inductance
High temperature soldering guaranteed:
260
OC / 10 seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: Molded plastic over passivated junction
Terminals: Solder plated solderable per
MIL-STD-750, Method 2025
Polarity:Color Band denotes positive end (cathode)
Standard packaging: 4 mm tape (EIA-481)
Weight: 0.002 ounces, 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
OC,
RθJA=100
OC/W
Ptot
1.3
Watts
Peak Power Dissipation at TA=25
OC,
RθJA=25
OC/W
Ptot
3.25
Watts
Max. Forward Voltage Drop @ IF=0.5A
VF
1.0
V
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
OC
08.26.2005/rev. b
Preliminary



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S2AA2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1 2 3 4 Won-Top Electronics
S3A_063.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1 2 3 4 Won-Top Electronics
S3AB3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1 2 3 4 Won-Top Electronics
S5A5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1 2 3 4 Won-Top Electronics
GS1A_061.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE 1 2 3 4 Won-Top Electronics
EFS1J1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE 1 2 3 4 Won-Top Electronics
UF1A_061.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE 1 2 3 4 Won-Top Electronics
ER1A_061.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE 1 2 3 4 Won-Top Electronics
UF2A_062.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE 1 2 3 4 Won-Top Electronics
ER2A_062.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE 1 2 3 4 Won-Top Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl