Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4761A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4761A
Description  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4761A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4761A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4761A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4761A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4761A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4761A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 820 -
FIG.1- POWER TEMPERATURE DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
FIG.5- TYPICAL LEAKAGE CURRENT
FIG.4- EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
AMBIENT TEMPERATURE( C)
o
V FORWARD VOLTAGE (VOLTS)
F
,
I,
Z
ZENER CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
V,
Z
NOMINAL ZENER VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
47V
27V
0.8V
0.1
0.25
0.5
0.75
1.0
1.25
0.2
0.5
1
2
5
10
20
50
100
1
2
5
10
20
50
100
200
500
1000
1
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
I = 1.0mA
Z
5.0mA
20mA
2
3
5
7
10
20
30
50 70 100
1
2
5
7
10
20
50
70
100
200
500
700
1000
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+125 C
o
+25 C
o
34
5
6
7
8
9
10
11
12
13
14
15
0.001
0.002
0.005
0.007
0.01
0.02
0.05
0.07
0.1
0.2
0.5
0.7
1
2
5
7
10
20
50
70
100
200
500
700
1000
2000
5000
7000
10000
MINIMUM
MAXIMUM
70 C
o
150 C
o
25 C
o
0C
o
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1
2
5
10
20
50
100
200
500
1000
0
RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z)


Similar Part No. - 1N4761A

ManufacturerPart #DatasheetDescription
logo
RFE international
1N4761A RFE-1N4761A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
Vishay Siliconix
1N4761A VISHAY-1N4761A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Suntan Capacitors
1N4761A SUNTAN-1N4761A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
Frontier Electronics.
1N4761A FRONTIER-1N4761A Datasheet
127Kb / 2P
   1WATT ZENER DIODE
logo
List of Unclassifed Man...
1N4761A ETC-1N4761A Datasheet
190Kb / 2P
   1W ZENER DIODE
More results

Similar Description - 1N4761A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com