Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC266S Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIC266S
Description  SILICON TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC266S Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIC266S Datasheet HTML 1Page - Power Innovations Ltd TIC266S Datasheet HTML 2Page - Power Innovations Ltd TIC266S Datasheet HTML 3Page - Power Innovations Ltd TIC266S Datasheet HTML 4Page - Power Innovations Ltd TIC266S Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIC266 SERIES
SILICON TRIACS
4
JULY 1991 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Similar Part No. - TIC266S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
TIC263D POINN-TIC263D Datasheet
103Kb / 5P
   SILICON TRIACS
TIC263M POINN-TIC263M Datasheet
103Kb / 5P
   SILICON TRIACS
TIC263N POINN-TIC263N Datasheet
103Kb / 5P
   SILICON TRIACS
TIC263S POINN-TIC263S Datasheet
103Kb / 5P
   SILICON TRIACS
More results

Similar Description - TIC266S

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com