Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK44D900-QFP1.0MM Datasheet(PDF) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK44D900-QFP1.0MM
Description  36 Pin to 44 Pin DIP Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK44D900-QFP1.0MM Datasheet(HTML) 4 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK44D900-QFP1.0MM Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D900-QFP1.0MM Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D900-QFP1.0MM Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D900-QFP1.0MM Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D900-QFP1.0MM Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK44D900-QFP1.0MM Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PAGE 16 ACCUTEKMICRO.COM 12/2004 (DA16)
AK44D600-TSSOP.5
.5MM TSSOP
TO 44 PIN DIP
0.019"
(.5mm)
AK44D600-TSSOP.65
.65MM TSSOP
TO 44 PIN DIP
2.200"
0.415"
0.600"
0.126"
0.025"
(.65mm)
AK44D600-TSSOP.4
.4MM TSSOP
TO 44 PIN DIP
0.350"
0.015"
(.4mm)
0.100"
2.200"
0.415"
0.600"
0.126"
0.100"
2.200"
0.600"
0.126"
0.100"
0.240"
0.240"
0.175"
AK44D600-TSSOP.8
.8MM TSSOP
TO 44 PIN DIP
0.100"
0.070"
0.125"
2.200"
0.600"
0.700"
0.510" 0.340"
0.8mm
(0.031")


Similar Part No. - AK44D900-QFP1.0MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK44D600-LLP ACCUTEK-AK44D600-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP Datasheet
633Kb / 4P
   44 Pin DIP Adapters
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
More results

Similar Description - AK44D900-QFP1.0MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK44D600-QFP ACCUTEK-AK44D600-QFP_13 Datasheet
633Kb / 4P
   44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com