Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK20D300-SSOP.8MM Datasheet(PDF) 6 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK20D300-SSOP.8MM
Description  16 Pin to 24 Pin DIP Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK20D300-SSOP.8MM Datasheet(HTML) 6 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK20D300-SSOP.8MM Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK20D300-SSOP.8MM Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK20D300-SSOP.8MM Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK20D300-SSOP.8MM Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK20D300-SSOP.8MM Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK20D300-SSOP.8MM Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE 9 ACCUTEKMICRO.COM 03/2005(DA09)
0.300"
1.200"
0.400"
0.125"
0.080"
0.100"
AK24D-LLP
LEADLESS LEADFRAME PACKAGE(5 X 4)
TO 24 PIN DIP
0.020" (0.5mm)
(3.4mm)
0.134"
0.095"
(2.4mm)
0.300"
1.200"
AK24D300-TSOP
0.400"
0.65mm
(.0256")
0.125"
0.110"
0.100"
24 PIN TSOP & SSOP 0.65mm PITCH TO DIP
0.300"
1.200"
AK24D300-SOIC
0.440"
0.140"
0.050"
0.125"
0.110"
0.100"
0.300"
1.200"
AK24D300-SOJ
0.400"
0.140"
0.050"
0.125"
0.110"
0.100"
24 PIN SOIC TO DIP
24 PIN SOJ TO DIP
0.300"
1.200"
AK24D300-QSOP
0.400"
0.025"
(.635mm)
0.125"
0.110"
0.100"
24 PIN QSOP 0.025' PITCH TO DIP
0.300"
1.200"
0.400"
0.125"
0.110"
0.100"
AK24D300-SSOP.8mm
.8mm
(.0315")
24 PIN SSOP 0.8mm PITCH TO DIP
0.385"
0.165"
0.385"
0.165"
0.385"
0.165"


Similar Part No. - AK20D300-SSOP.8MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK20D300-NWSO ACCUTEK-AK20D300-NWSO Datasheet
1Mb / 6P
   20 Pin to 24 DIP Adpaters
AK20D300-NWSO ACCUTEK-AK20D300-NWSO_13 Datasheet
1Mb / 6P
   20 Pin to 24 DIP Adpaters
AK20D300-QSOP ACCUTEK-AK20D300-QSOP Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
AK20D300-TSOP ACCUTEK-AK20D300-TSOP Datasheet
545Kb / 5P
   Thin Small Outline Package TSOP DIP Adapters
More results

Similar Description - AK20D300-SSOP.8MM

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT Datasheet
286Kb / 5P
   4 Pin to 14 Pin DIP Adapters
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
AK52D600-QFP ACCUTEK-AK52D600-QFP_13 Datasheet
946Kb / 5P
   52 Pin to 56 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com