Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9768 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9768
Description  10W Mono Class D Speaker Amplifier with Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9768 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9768 Datasheet HTML 1Page - Maxim Integrated Products MAX9768 Datasheet HTML 2Page - Maxim Integrated Products MAX9768 Datasheet HTML 3Page - Maxim Integrated Products MAX9768 Datasheet HTML 4Page - Maxim Integrated Products MAX9768 Datasheet HTML 5Page - Maxim Integrated Products MAX9768 Datasheet HTML 6Page - Maxim Integrated Products MAX9768 Datasheet HTML 7Page - Maxim Integrated Products MAX9768 Datasheet HTML 8Page - Maxim Integrated Products MAX9768 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX9768 mono 10W Class D speaker amplifier
provides high-quality, efficient audio power with an inte-
grated volume control function.
The MAX9768 features a 64-step dual-mode (analog or
digitally programmable) volume control and mute func-
tion. The audio amplifier operates from a 4.5V to 14V
single supply and can deliver up to 10W into an 8Ω
speaker with a 14V supply.
A selectable spread-spectrum mode reduces EMI-radiat-
ed emissions, allowing the device to pass EMC testing
with ferrite bead filters and cable lengths up to 1m. The
MAX9768 can be synchronized to an external clock,
allowing synchronization of multiple Class D amplifiers.
The MAX9768 features high 77dB PSRR, low 0.08%
THD+N, and SNR up to 97dB. Robust short-circuit and
thermal-overload protection prevent device damage
during a fault condition. The MAX9768 is available in a
24-pin thin QFN-EP (4mm x 4mm x 0.8mm) package
and is specified over the extended -40°C to +85°C tem-
perature range.
Applications
Features
♦ 10W Output (8Ω, PVDD = 14V, THD+N = 10%)
♦ Patented Spread-Spectrum Modulation
♦ Meets EN55022B EMC with Ferrite Bead Filters
♦ Amplifier Operation from 4.5V to 14V Supply
♦ 64-Step Integrated Volume Control (I2C or Analog)
♦ Low 0.08% THD+N (RL = 8Ω, POUT = 6W)
♦ High 77dB PSRR
♦ Two tON Times Offered
MAX9768—220ms
MAX9768B—15ms
♦ Low-Power Shutdown Mode (0.5µA)
♦ Short-Circuit and Thermal-Overload Protection
10W Mono Class D Speaker
Amplifier with Volume Control
________________________________________________________________
Maxim Integrated Products
1
19-0854; Rev 0; 9/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration located at end of data sheet.
Ordering Information
Note: All devices are specified over the -40°C to +85°C oper-
ating temperature range.
+
Denotes lead-free package.
*
EP = Exposed pad.
PART
PIN-PACKAGE
tON (ms)
PKG
CODE
MAX9768ETG+
24 TQFN-EP*
220
T2444+4
MAX9768BETG+
24 TQFN-EP*
15
T2444+4
MUTE
SHDN
SPEAKER
AUDIO
INPUT
FILTERLESS
CLASS D
SPEAKER
OUTPUT
ANALOG OR
I2C VOLUME
CONTROL
3.3V
4.5V TO 14V
MAX9768
Simplified Block Diagram
MAX9768 EMI WITH FERRITE BEAD FILTERS
(VDD = 12V, 1m CABLE, 8Ω LOAD)
FREQUENCY (MHz)
900
800
100 200 300
500 600
400
700
5
10
15
20
25
30
35
40
0
0
1000
OVER 20dB MARGIN
TO EN55022B LIMIT
Notebook Computers
Flat-Panel Displays
Multimedia Monitors
GPS Navigation
Systems
Security/Personal
Mobile Radio


Similar Part No. - MAX9768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768 Datasheet
206Kb / 9P
   Fully Tested PCB
Rev 0; 11/07
MAX9768 MAXIM-MAX9768 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768BETG++ MAXIM-MAX9768BETG+ Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768BETG++ MAXIM-MAX9768BETG+ Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results

Similar Description - MAX9768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
   20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
   20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com