Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM20CTM060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM20CTM060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM20CTM060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM20CTM060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM20CTM060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM20CTM060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM20CTM060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM20CTM060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM20CTM060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Aug.1999
VD = 15V, ICIN = 0mA
Base-plate
Temperature detection, VD = 15V
–20
°C ≤ Tj ≤ 125°C (only N side)
VD = 15V, VFO = 15V
Tc
MITSUBISHI INTELLIGNET POWER MODULES
PM20CTM060
FLAT-BASE TYPE
INSULATED PACKAGE
mA
mA
A
A
µs
°C
°C
V
V
mA
mA
ms
35
10
5
5
120
12.5
0.01
15
25
5
3
3
34
51
10
110
90
12.0
12.5
10
1.8
Min.
VN1-VNC
VXP1-VXPC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN · VN · WN-VNC
–20
°C ≤ Tj ≤ 125°C, VD = 15V (only N side)
–20
°C ≤ Tj ≤ 125°C, VD = 15V (only N side)
VD = 15V
VD = 15V
Collector-emitter
saturation voltage
Collector-emitter
cutoff current
TOTAL SYSTEM
Parameter
Symbol
Supply voltage protected
by OC & SC
Supply voltage
Supply voltage (surge)
Module case operating temperature
Storage temperature
Isolation voltage
Conditions
VCC
VCC(surge)
TC
Tstg
Viso
Ratings
VCC(PROT)
400
450
500
–20 ~ +100
–40 ~ +125
2500
Unit
V
V
°C
°C
Vrms
V
VD = 13.5 ~ 16.5V,
Inverter part, Tj = 125
°C start
Applied between : P-N, operating time
Applied between : P-N, surge and non-operating time
(Note 1)
60Hz, sinusoidal, AC · 1 min
Note 1 : TC measuring point is as shown below.
Min.
Typ.
Max.
–IC = 20A, VD = 15V, ICIN = 0mA
Tj = 25
°C
Tj = 125
°C
V
mA
Unit
Parameter
Symbol
Test conditions
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
V
µs
µs
µs
µs
µs
2.6
3.0
3.5
2.0
0.8
3.5
2.0
1
10
0.5
1.8
2.0
2.5
1.0
0.1
0.2
2.5
0.9
IC = 20A, Tj = 25
°C
IC = 20A, Tj = 125
°C
FWDi forward voltage
Switching time
VD = 15V, ICIN = 0mA
↔10mA
VCC = 300V, IC = 20A
Tj = 125
°C
(Per 1 arm) Inductive Load
VCE = VCES, ICIN = 0mA
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
VD = 15V, ICIN = 10mA
Input on threshold current
Input off threshold current
Over current trip level
Short circuit trip level
Over current delay time
Minimum fault output pulse
width
(Note 2)
1
1
28
100
11.5
1.0
Over temperature protection
Supply circuit under
voltage protection
Fault output current
(Note 2)
Trip level
Reset level
Trip level
Reset level
Note 2 : Fault output is given only when the internal OC, SC, OT & UV protection. (only N side)
Fault output of OC, SC protection given pulse.
Fault output of OT, UV protection given pulse while over level. (OT is only N side)
Circuit current
Parameter
Symbol
Test conditions
Max.
Typ.
Unit
Limits
CONTROL PART
ID
mA
Ith(ON)
Ith(OFF)
OC
SC
toff(OC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO


Similar Part No. - PM20CTM060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM20CTM060-3 MITSUBISHI-PM20CTM060-3 Datasheet
137Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM20CTM060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com