Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV102-12LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AV102-12LF
Description  HIP3 Variable Attenuator 1.7-2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AV102-12LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AV102-12LF Datasheet HTML 1Page - Skyworks Solutions Inc. AV102-12LF Datasheet HTML 2Page - Skyworks Solutions Inc. AV102-12LF Datasheet HTML 3Page - Skyworks Solutions Inc. AV102-12LF Datasheet HTML 4Page - Skyworks Solutions Inc. AV102-12LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DATA SHEET • AV102-12, AV102-12LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200221 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • October 5, 2006
3
Input/Output VSWR vs. Current
@ 1700 MHz
1.0
1.1
1.2
1.3
1.4
1.5
0
0.001
0.002
0.003
0.004
0.005
Current (Amps)
Input
Output
Input/Output VSWR vs. Current
@ 1850 MHz
1.0
1.1
1.2
1.3
1.4
1.5
Current (Amps)
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Input
Output
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Attenuation vs. Current
-50
-40
-30
-20
-10
0
Current (Amps)
1850 MHz
2000 MHz
1700 MHz
1.70
1.80
1.90
2.00
Attenuation vs. Frequency
-25
-20
-15
-10
-5
0
Frequency (GHz)
0 mA
0.2 mA
0.7 mA
1.7 mA
2.4 mA
3.0 mA
Input/Output VSWR vs. Current
@ 2000 MHz
1.0
1.1
1.2
1.3
1.4
1.5
Current (Amps)
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
Input
Output
400
600
800
1000
Typical PIN Diode Current vs. Voltage
0.01
0.1
1
10
Diode Voltage (mV)
Typical Performance Data


Similar Part No. - AV102-12LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV102-12 ALPHA-AV102-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 1.70.2.00 GHz
More results

Similar Description - AV102-12LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AV112-12 SKYWORKS-AV112-12 Datasheet
495Kb / 3P
   HIP3 Variable Attenuator 1.7-2.0 GHz
logo
Alpha Industries
AV101-12 ALPHA-AV101-12 Datasheet
814Kb / 3P
   HIP3??Variable Attenuator 0.80.1.00 GHz
AV102-12 ALPHA-AV102-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 1.70.2.00 GHz
AV113-12 ALPHA-AV113-12 Datasheet
801Kb / 3P
   HIP3??Variable Attenuator 2.10-2.30 GHz
logo
Skyworks Solutions Inc.
AV101-12 SKYWORKS-AV101-12 Datasheet
185Kb / 4P
   HIP3 Variable Attenuator 0.7-1 GHz
AV113-12 SKYWORKS-AV113-12_07 Datasheet
141Kb / 5P
   HIP3 Variable Attenuator 2.1-2.3 GHz
logo
Alpha Industries
AV111-12 ALPHA-AV111-12 Datasheet
831Kb / 3P
   HIP3??Variable Attenuator 0.80-1.00 GHz
logo
Skyworks Solutions Inc.
AV112-12 SKYWORKS-AV112-12_07 Datasheet
132Kb / 5P
   HIP Variable Attenuator 1.7-2.0 GHz
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
   High IIP3, 1.7 to 2.3 GHz Variable Attenuator
SKY12145-315 SKYWORKS-SKY12145-315 Datasheet
114Kb / 4P
   HIP3??Variable Attenuator for UMTS Base Stations
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com