Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS1050CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS1050CT
Description  10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS1050CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRS1050CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS1050CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
0.1
10
100
180
150
120
90
60
30
0
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0
0.5
1
10
50
FORWARD VOLTAGE. (V)
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS PER LEG
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
12
10
8
6
4
2
0
o
CASE TEMPERATURE. ( C)
RESISTIVE OR
INDUCTIVE LOAD
RATINGS AND CHARACTERISTIC CURVES (MBRS1035CT THRU MBRS10150CT)
500
Tj=Tj max.
8.3ms Single Half Sine-Wave
JEDEC Method
Version: B07
20
MBRS10150CT
MBRS1090CT-10100CT
MBRS1035CT-1045CT
5
3
MBRS1050CT-1060CT
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
0
Tj=75 C
0
Tj=125 C
0
Tj=25 C


Similar Part No. - MBRS1050CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1050CT TSC-MBRS1050CT Datasheet
109Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1050CT TSC-MBRS1050CT Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1050CT TSC-MBRS1050CT Datasheet
214Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS1050CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1035 TSC-MBRS1035_1 Datasheet
167Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_1 Datasheet
161Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT Datasheet
585Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers Switchmode Power Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com