Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA260-85LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AA260-85LF
Description  GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA260-85LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AA260-85LF Datasheet HTML 1Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 2Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 3Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 4Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 5Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 6Page - Skyworks Solutions Inc. AA260-85LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
November 1, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200213 Rev. B
DATA SHEET • AA260-85, AA260-85LF
4
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 ˚C)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
0.5
1.0
1.5
2.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 ˚C)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
0.5
1.0
1.5
2.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25 ˚C)
-10
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (85 ˚C)
-10
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 ˚C)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
0.5
1.0
1.5
2.0
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (-40 ˚C)
-10
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2 dB
4 dB
8 dB
16 dB
31 dB
1 dB


Similar Part No. - AA260-85LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
More results

Similar Description - AA260-85LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AT001D6-25 SKYWORKS-AT001D6-25 Datasheet
171Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 3 dB LSB 300 kHz-1 GHz
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
   GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA104-73 SKYWORKS-AA104-73_06 Datasheet
366Kb / 6P
   GaAs IC 1-Bit Digital Attenuator, 32 dB 300 kHz-2.5 GHz
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16_08 Datasheet
228Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16 Datasheet
210Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
logo
Alpha Industries
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com