Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA226-87LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AA226-87LF
Description  GaAs IC 4-Bit Digital Attenuator, 1 dB LSB LF-2.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA226-87LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AA226-87LF Datasheet HTML 1Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 2Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 3Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 4Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 5Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 6Page - Skyworks Solutions Inc. AA226-87LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
June 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200212 Rev. B
DATA SHEET • AA226-87, AA226-87LF
4
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25 ˚C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
15 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85 ˚C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
15 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25 ˚C)
-10
-5
0
5
10
15
20
25
30
1 dB
2 dB
4 dB
8 dB
15 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (85 ˚C)
-10
-5
0
5
10
15
20
25
30
1 dB
2 dB
4 dB
8 dB
15 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40 ˚C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
15 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (-40 ˚C)
-10
-5
0
5
10
15
20
25
30
1 dB
2 dB
4 dB
8 dB
15 dB


Similar Part No. - AA226-87LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
More results

Similar Description - AA226-87LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA103-72 SKYWORKS-AA103-72_07 Datasheet
82Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 10 dB LSB LF-2.5 GHz
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
   GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA105-86 SKYWORKS-AA105-86 Datasheet
605Kb / 7P
   GaAs IC 4-Bit Digital Attenuator, 1 dB LSB 0.5-3.0 GHz
logo
Alpha Industries
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
   GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA101-80 ALPHA-AA101-80 Datasheet
249Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA210-25 SKYWORKS-AA210-25 Datasheet
137Kb / 4P
   GaAs IC 4-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com