Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS214-92LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AS214-92LF
Description  PHEMT GaAs IC SPDT Switch 0.1-3 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS214-92LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AS214-92LF Datasheet HTML 1Page - Skyworks Solutions Inc. AS214-92LF Datasheet HTML 2Page - Skyworks Solutions Inc. AS214-92LF Datasheet HTML 3Page - Skyworks Solutions Inc. AS214-92LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • AS214-92, AS214-92LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200195 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • September 5, 2006
3
V1
V2
J1–J2
J1–J3
VHIGH
0
Isolation
Insertion loss
0VHIGH
Insertion loss
Isolation
Truth Table
All other conditions not recommended.
VHIGH = 2.7 to 5 V.
Characteristic
Value
RF input power
2 W max. for f > 500 MHz
500 mW for f < 500 MHz
VCTL = 0/8 V
Supply voltage
8 V
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.087 (2.20 mm)
± 0.008 (0.20 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
Ref
Pin 1 Indicator
SC-70 6-Lead
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - AS214-92LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results

Similar Description - AS214-92LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
   PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
logo
Alpha Industries
AS179-92 ALPHA-AS179-92 Datasheet
24Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-3 GHz
logo
Skyworks Solutions Inc.
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
logo
Alpha Industries
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS193-73 ALPHA-AS193-73 Datasheet
27Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com