Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS200-313 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AS200-313
Description  PHEMT GaAs IC 2 W High-Linearity 5-6 GHz T/R Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS200-313 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AS200-313 Datasheet HTML 1Page - Skyworks Solutions Inc. AS200-313 Datasheet HTML 2Page - Skyworks Solutions Inc. AS200-313 Datasheet HTML 3Page - Skyworks Solutions Inc. AS200-313 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
September 25, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200189 Rev. B
DATA SHEET • AS200-313, AS200-313LF
4
Copyright © 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided
by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and
Conditions of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks, the Skyworks symbol, “Breakthrough Simplicity” and “Innovation to Go” are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-
party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at
www.skyworksinc.com, are incorporated by reference.


Similar Part No. - AS200-313

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS200-313 SKYWORKS-AS200-313 Datasheet
47Kb / 2P
   PHEMT GaAs IC 2 W High Linearity 5-6 GHz T/R Switch
More results

Similar Description - AS200-313

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS200-313 SKYWORKS-AS200-313 Datasheet
47Kb / 2P
   PHEMT GaAs IC 2 W High Linearity 5-6 GHz T/R Switch
AS217-000 SKYWORKS-AS217-000 Datasheet
465Kb / 3P
   PHEMT GaAs IC High Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS219-321 SKYWORKS-AS219-321 Datasheet
86Kb / 3P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS217-000 SKYWORKS-AS217-000_06 Datasheet
211Kb / 5P
   PHEMT GaAs IC High-Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS219-000 SKYWORKS-AS219-000 Datasheet
326Kb / 5P
   PHEMT GaAs IC High Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS219-321 SKYWORKS-AS219-321_07 Datasheet
270Kb / 4P
   PHEMT GaAs IC High-Linearity 3 V T/R SP3T Switch 0.1-2.5 GHz
AS230-348 SKYWORKS-AS230-348 Datasheet
241Kb / 3P
   GaAs SPDT IC 7 W T/R Switch DC -6 GHz
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
logo
Alpha Industries
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com