Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR60100PT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR60100PT
Description  60.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR60100PT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR60100PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR60100PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBR6035PT-MBR6045PT
MBR6050PT & MBR60100PT
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBR6035PT-MBR6045PT
MBR6050PT & MBR6060PT
MBR6090PT-MBR60100PT
- 207 -
RATINGS AND CHARACTERISTIC CURVES (MBR6035PT THRU MBR60100PT)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
10
100
100
200
0
300
500
400
600
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
1
0.1
100
500
FORWARD VOLTAGE. (V)
10
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
15
30
45
60
75
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
Pulse Width=300 s
1% Duty Cycle
Tj=125 C
0
MBR6035PT-MBR6045PT
Tj=125 C
MBR6050PT-MBR60100PT
0
Tj=25 C
0
MBR6035PT-MBR6045PT
Tj=25 C
MBR6050PT-MBR60100PT
0


Similar Part No. - MBR60100PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR60100PT TSC-MBR60100PT Datasheet
99Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
MBR60100PT DSK-MBR60100PT Datasheet
336Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR60100PT TSC-MBR60100PT Datasheet
369Kb / 2P
   60 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR60100PT SIRECTIFIER-MBR60100PT Datasheet
136Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
Pan Jit International I...
MBR60100PT PANJIT-MBR60100PT Datasheet
427Kb / 2P
   60 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR60100PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR6050PT TSC-MBR6050PT Datasheet
99Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT Datasheet
109Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT Datasheet
99Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT_1 Datasheet
169Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR4035PT TSC-MBR4035PT Datasheet
113Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com