Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC106D Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # TIC106D
Description  SILICON CONTROLLED RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC106D Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIC106D Datasheet HTML 1Page - Power Innovations Ltd TIC106D Datasheet HTML 2Page - Power Innovations Ltd TIC106D Datasheet HTML 3Page - Power Innovations Ltd TIC106D Datasheet HTML 4Page - Power Innovations Ltd TIC106D Datasheet HTML 5Page - Power Innovations Ltd TIC106D Datasheet HTML 6Page - Power Innovations Ltd TIC106D Datasheet HTML 7Page - Power Innovations Ltd TIC106D Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TIC106 SERIES
SILICON CONTROLLED RECTIFIERS
4
APRIL 1971 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
AVERAGE ANODE ON-STATE CURRENT
T
C - Case Temperature - °C
30
40
50
60
70
80
90
100
110
0
1
2
3
4
5
6
TI20AA
DERATING CURVE
Φ
Φ = 180º
Continuous DC
Conduction
Angle
Φ
Φ
180°
MAX CONTINUOUS ANODE POWER DISSIPATED
I
T - Continuous On-State Current - A
1
10
100
1
10
100
TI20AB
CONTINUOUS ON-STATE CURRENT
vs
T
J = 110°C
SURGE ON-STATE CURRENT
Consecutive 50 Hz Half-Sine-Wave Cycles
1
10
100
1
10
100
TI20AC
CYCLES OF CURRENT DURATION
vs
T
C
≤ 80 °C
No Prior Device Conduction
Gate Control Guaranteed
TRANSIENT THERMAL RESISTANCE
Consecutive 50 Hz Half-Sine-Wave Cycles
1
10
100
0·1
1
10
TI20AD
CYCLES OF CURRENT DURATION
vs


Similar Part No. - TIC106D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIC106D TI-TIC106D Datasheet
230Kb / 6P
[Old version datasheet]   PNP SILICON REVERSE BLOCKING TRIODE THYRISTORS
logo
Comset Semiconductor
TIC106D COMSET-TIC106D Datasheet
199Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC106D COMSET-TIC106D Datasheet
163Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC106D NJSEMI-TIC106D Datasheet
129Kb / 3P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
Inchange Semiconductor ...
TIC106D ISC-TIC106D Datasheet
99Kb / 1P
   isc Thyristors
More results

Similar Description - TIC106D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com