Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58670BS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA58670BS
Description  2.1 W/channel stereo Class D audio amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58670BS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA58670BS Datasheet HTML 6Page - NXP Semiconductors SA58670BS Datasheet HTML 7Page - NXP Semiconductors SA58670BS Datasheet HTML 8Page - NXP Semiconductors SA58670BS Datasheet HTML 9Page - NXP Semiconductors SA58670BS Datasheet HTML 10Page - NXP Semiconductors SA58670BS Datasheet HTML 11Page - NXP Semiconductors SA58670BS Datasheet HTML 12Page - NXP Semiconductors SA58670BS Datasheet HTML 13Page - NXP Semiconductors SA58670BS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SA58670_1
© NXP B.V. 2007. All rights reserved.
Objective data sheet
Rev. 01 — 22 June 2007
10 of 18
NXP Semiconductors
SA58670
2.1 W/channel stereo Class D audio amplifier
11.3 PCB layout considerations
Component location is very important for performance of the SA58670. Place all external
components very close to the device. Placing decoupling capacitors directly at the power
supply pins increases efficiency because the resistance and inductance in the trace
between the device power supply pins and the decoupling capacitor causes a loss in
power efficiency.
The trace width and routing are also very important for power output and noise
considerations.
For high current terminals (PVDD, PGND and audio output), the trace widths should be
maximized to ensure proper performance and output power. Use at least 500
µm wide
traces.
For the input pins (INRP/INRN and INLP/INLN), the traces must be symmetrical and run
side-by-side to maximize common-mode cancellation.
11.4 Filter-free operation and ferrite bead filters
A ferrite bead low-pass filter can be used to reduce radio frequency emissions in
applications that have circuits sensitive to greater than 1 MHz. A ferrite bead low-pass
filter functions well for amplifiers that must pass FCC unintentional radiation requirements
at greater than 30 MHz. Choose a bead with high-impedance at high frequencies and very
low-impedance at low frequencies. In order to prevent distortion of the output signal,
select a ferrite bead with adequate current rating.
For applications in which there are circuits that are EMI sensitive to low frequency
(<1 MHz) and there are long leads from amplifier to speaker, it is necessary to use an LC
output filter.
11.5 Efficiency and thermal considerations
The maximum ambient operating temperature depends on the heat transferring ability of
the heat spreader on the PCB layout. In Table 3 “Limiting values”, power dissipation, the
power derating factor is given as 41.6 mW/
°C. The device thermal resistance, R
th(j-a) is the
reciprocal of the power derating factor. Convert the power derating factor to Rth(j-a) by the
following equation:
(3)
For a maximum allowable junction temperature, Tj =150 °C and Rth(j-a) =24 °C/W and a
maximum device dissipation of 1.5 W (750 mW per channel) and for 2.1 W per channel
output power, 4
Ω load, 5 V supply, the maximum ambient temperature is calculated using
Equation 4:
(4)
The maximum ambient temperature is 114
°C at maximum power dissipation for 5 V
supply and 4
Ω load. If the junction temperature of the SA58670 rises above 150 °C, the
thermal protection circuitry turns the device off; this prevents damage to IC. Using
speakers greater than 4
Ω further enhances thermal performance and battery lifetime by
reducing the output load current and increasing amplifier efficiency.
R
th j-a
()
1
derating factor
-----------------------------------------
1
0.0413
----------------
24
°C/W
==
=
T
amb max
()
T
jmax
()
R
th j-a
()
P
Dmax
()
×
()
150
24
1.5
×
()
114
°C
==
=


Similar Part No. - SA58670BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670BS NXP-SA58670BS Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670BS NXP-SA58670BS Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results

Similar Description - SA58670BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58671 NXP-SA58671 Datasheet
188Kb / 24P
   1.2 W/channel stereo class-D audio amplifier
Rev. 02-24 October 2008
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com