Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU1006G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU1006G
Description  Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU1006G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU1006G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU1006G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 700 -
Version: A06
KBU1001G - KBU1007G
Single Phase 10 AMPS.
Glass Passivated Bridge Rectifiers
KBU
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 200 amperes peak
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0. 3 ounce, 8.0 grams
Mounting torque: 5 in. lb. Max.
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
KBU
1001G
KBU
1002G
KBU
1003G
KBU
1004G
KBU
1005G
KBU
1006G
KBU
1007G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA =45
oC
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 5.0A
@ 10.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
RθJC
2.2
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Note: Thermal Resistance from Junction to Case with Device Mounted on 4” x 6” x 0.25” Heatsink.


Similar Part No. - KBU1006G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1006G WTE-KBU1006G Datasheet
43Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1006G JGD-KBU1006G Datasheet
131Kb / 2P
   SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBU1006G ETC-KBU1006G Datasheet
84Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
Won-Top Electronics
KBU1006G WTE-KBU1006G Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU1006G TSC-KBU1006G Datasheet
53Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU1006G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GBJ10005 DGNJDZ-GBJ10005 Datasheet
95Kb / 2P
   SINGLE PHASE 10 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU1001G TSC-KBU1001G_1 Datasheet
53Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
KBU1001G ETC-KBU1001G Datasheet
84Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU1001G TSC-KBU1001G_10 Datasheet
508Kb / 2P
   Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU1000G JGD-KBU1000G Datasheet
131Kb / 2P
   SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
KBP301G ETC-KBP301G Datasheet
116Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS20P01G TSC-TS20P01G Datasheet
50Kb / 2P
   Single Phase 20.0 AMPS. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com