Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240128-06-FN-F-ST-ELP-WH Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 240128-06-FN-F-ST-ELP-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-FN-F-ST-ELP-WH Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 240128-06-FN-F-ST-ELP-WH Datasheet HTML 4Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 5Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 6Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 9Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 10Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 11Page - List of Unclassifed Manufacturers 240128-06-FN-F-ST-ELP-WH Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
8
■ AC Characteristics (2)
Parameter
Symbol
Min
Max
Unit
C/D Set Up Time
tCDS
100
---
ns
C/D Hold Time
tCDH
10
---
ns
CE, RD, WR Pulse Width
tCE, tRD, tWR
80
---
ns
Data Set Up Time
tDS
80
---
ns
Data Hold Time
tDH
40
---
ns
Access Time
tACC
---
150
ns
Output Hold Time
tOH
10
50
ns


Similar Part No. - 240128-06-FN-F-ST-ELP-WH

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24012 ARIES-24012 Datasheet
1Mb / 2P
   High-Frequency Center Probe Test Socket for Devices up to 55mm Square
More results

Similar Description - 240128-06-FN-F-ST-ELP-WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128B VISHAY-LCD-240H128B Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com