Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU606 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU606
Description  Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU606 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU606 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU606 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 680 -
0
45
.185(4.7)
.165(4.2) .280(7.1)
.260(6.6)
.165(4.2)
.150(3.8)
.052(1.3)
.048(1.2)
.260(6.8)
.180(4.5)
.455(11.3)
.405(10.3)
.085(2.2)
.065(1.7)
.160(4.1)
.140(3.6)
.760(19.3)
MAX
.220(5.6)
.180(4.6)
.70(17.8)
.66(16.8)
1.0(25.4)
MIN
.935(23.7)
.895(22.7)
KBU601 THRU KBU607
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
6.0 Amperes
Features
UL Recognized File # E-96005
High surge current capability
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Weight: 8 grams
KBU
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBU
601
KBU
602
KBU
603
KBU
604
KBU
605
KBU
606
KBU
607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 65
OC
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 6.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
OC
at Rated DC Blocking Voltage @ TA=100
OC
IR
10
500
uA
uA
Typical Thermal Resistance (Note 1)
(Note 2)
R
θJA
R
θJL
8.6
3.1
OC/W
Operating Temperature Range
TJ
-55 to +125
OC
Storage Temperature Range
TSTG
-55 to +150
OC
Note: 1. Thermal resistance from Junction to Ambient with units in Free Air, P.C.B. Mounted on
0.5 x 0.5” (12 x 12mm) Copper Pads, 0.375” (9.5mm) Lead Length.
2. Thermal resistance from Junction to Case with units Mounted on 2” x 3” x 0.25” Al-Plate


Similar Part No. - KBU606

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
780Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
KBU606 SURGE-KBU606 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Taiwan Semiconductor Co...
KBU606 TSC-KBU606 Datasheet
167Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBU606 YFWDIODE-KBU606 Datasheet
210Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU606 JUXING-KBU606 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBU606

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
SB6 TSC-SB6 Datasheet
110Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com