Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU602 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU602
Description  Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU602 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU602 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU602 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 681 -
RATINGS AND CHARACTERISTIC CURVES (KBU601 THRU KBU607)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0.6
0.7
0.8
0.9
1.0
1.1
1.3
1.2
0.1
0.2
0.4
1
4
10
40
20
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
ELEMENT TEMPERATURE. ( C)
o
MOUNTED ON 4X4 INCH
COPPER PC BOARD
0.5"(12.7mm) LEAD LENGTH
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
2
5
1
50
20
100
175
100
125
75
25
50
150
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
Tj=25 C
0
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0


Similar Part No. - KBU602

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU602 SURGE-KBU602 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
DONGGUAN YOU FENG WEI E...
KBU602 YFWDIODE-KBU602 Datasheet
780Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU602 TSC-KBU602 Datasheet
167Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBU602 YFWDIODE-KBU602 Datasheet
210Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU602 WTE-KBU602 Datasheet
42Kb / 3P
   6.0A BRIDGE RECTIFIER
More results

Similar Description - KBU602

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
SB6 TSC-SB6 Datasheet
110Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com