Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU405G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU405G
Description  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU405G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU405G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU405G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 736 -
0
45
.185(4.7)
.165(4.2) .280(7.1)
.260(6.6)
.165(4.2)
.150(3.8)
.052(1.3)
.048(1.2)
.260(6.8)
.180(4.5)
.455(11.3)
.405(10.3)
.085(2.2)
.065(1.7)
.160(4.1)
.140(3.6)
.760(19.3)
MAX
.220(5.6)
.180(4.6)
.70(17.8)
.66(16.8)
1.0(25.4)
MIN
.935(23.7)
.895(22.7)
KBU401G THRU KBU407G
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
4.0 Amperes
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters
Laboratory Flammability Classification
94V-0
Surge overload rating to 150 amperes
peak
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0. 3 ounce, 8.0 grams
Mounting torque: 5 in. lbs. Max.
KBU
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBU
401G
KBU
402G
KBU
403G
KBU
404G
KBU
405G
KBU
406G
KBU
407G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sne-wave Superimposed on Rated Load
(JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 4.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note 1)
(Note 2)
R
θJA
R
θJL
19
4.0
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to + 150
Notes: 1. Units Mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) Copper Pads and 0.375” (9.5mm)
Lead Length.
2. Units Mounted on a 2” x 3” x 0.25” Al. Plate.


Similar Part No. - KBU405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU405G TSC-KBU405G Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
KBU405G TSC-KBU405G Datasheet
514Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU405G TSC-KBU405G Datasheet
189Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
KBU405G TSC-KBU405G Datasheet
189Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU405G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_1 Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D4UB05 KINGTRONICS-D4UB05_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_1 Datasheet
206Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_1 Datasheet
263Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU401 TSC-GBU401_1 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBL401G BYTESONIC-GBL401G Datasheet
446Kb / 2P
   SINGLE PHASE 4.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR4KB005 TSC-UR4KB005 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com