Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8901A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8901A
Description  Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8901A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8901A Datasheet HTML 2Page - Maxim Integrated Products MAX8901A Datasheet HTML 3Page - Maxim Integrated Products MAX8901A Datasheet HTML 4Page - Maxim Integrated Products MAX8901A Datasheet HTML 5Page - Maxim Integrated Products MAX8901A Datasheet HTML 6Page - Maxim Integrated Products MAX8901A Datasheet HTML 7Page - Maxim Integrated Products MAX8901A Datasheet HTML 8Page - Maxim Integrated Products MAX8901A Datasheet HTML 9Page - Maxim Integrated Products MAX8901A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Highest Efficiency Supply for 2 to 6
Series WLEDs in a 2mm x 2mm TDFN Package
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 5, ILED = 24.75mA, VIN = VON = 3.6V, C1 = 1µF, C2 = 1µF, TA = +25°C, unless otherwise noted.)
499.4
499.8
499.6
500.2
500.0
500.8
500.6
500.4
501.0
010
5
1520253035
VCS vs. LED CURRENT STEP
(MAX8901B)
LED CURRENT STEP
ILED = 0.75mA
ILED = 24.75mA
24.0
24.2
24.6
24.4
24.8
25.0
-40
10
-15
35
60
85
MAXIMUM LED CURRENT
vs. TEMPERATURE (MAX8901B)
TEMPERATURE (
°C)
MINIMUM LED CURRENT
vs. TEMPERATURE (MAX8901B)
TEMPERATURE (
°C)
60
35
10
-15
735
740
745
750
730
-40
85
4ms/div
PWM DIMMING RESPONSE
(MAX8901A)
MAX8901A/B toc13
0V
0V
0mA
2V/div
0V
20mA/div
20mV/div
VON
VIN
VCS
VOUT
ILEDs
D = 10%
D = 90%
50mV/div
(AC-COUPLED)
500mV/div
fON_PWM = 100kHz, DUTY
CYCLE CHANGE: 90% TO
10%, C2 = 0.1
μF
10ms/div
SERIAL PULSE DIMMING
RESPONSE (MAX8901B)
MAX8901A/B toc14
0V
0V
0mA
2V/div
0V
20mA/div
20mV/div
VON
VIN
VCS
VOUT
ILEDs
50mV/div
(AC-COUPLED)
1V/div
0
10
5
20
15
25
30
040
20
60
80
100
LED CURRENT vs. PWM
DIMMING (MAX8901A)
PWM DUTY CYCLE (%)
RCS = 20
Ω,
fPWM = 100kHz


Similar Part No. - MAX8901A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8901AETA+T MAXIM-MAX8901AETA+T Datasheet
303Kb / 14P
   Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package
Rev 4; 5/15
More results

Similar Description - MAX8901A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8901 MAXIM-MAX8901 Datasheet
303Kb / 14P
   Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package
Rev 4; 5/15
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_08 Datasheet
266Kb / 11P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_11 Datasheet
360Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 4; 4/11
MAX8902BATAT MAXIM-MAX8902BATAT Datasheet
360Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com