Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3624UTJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3624UTJ
Description  Low-Jitter, Precision Clock Generator with Four Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3624UTJ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3624UTJ Datasheet HTML 2Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 3Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 4Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 5Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 6Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 7Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 8Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 9Page - Maxim Integrated Products MAX3624UTJ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Jitter, Precision Clock Generator
with Four Outputs
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
VCCO_B
Power Supply for QB0 and QB1 Clock Outputs. Connect to +3.3V.
2, 19, 24
GND
Supply Ground
3
QB0_OE
LVCMOS/LVTTL Input. Enables/disables QB0 clock output. Connect pin high or leave open to enable
LVPECL clock output QB0. Connect low to set QB0 to a logic 0. Has internal 50k
input impedance.
4, 5
SELB1,
SELB0
LVCMOS/LVTTL Input. Controls NB divider setting. Has 50k
input impedance. See Table 2 for
more information.
6
QAC_OE
LVCMOS/LVTTL Input. Enables/disables QA_C clock output. Connect pin high or leave open to enable
QA_C. Connect low to set QA_C to a high-impedance state. Has internal 75k
pullup to VCC.
7
MR
LVCMOS/LVTTL Input. Master reset input. Pulse high for > 1μs to reset all dividers. Has internal
75k
pulldown to GND. Not required for normal operation.
8
GNDO_A
Ground for QA_C Output. Connect to supply ground.
9
QA_C
LVCMOS Clock Output
10
VDDO_A
Power Supply for QA_C Clock Output. Connect to +3.3V.
11
VCCO_A
Power Supply for QA Clock Output. Connect to +3.3V.
12
QA
Noninverting Clock Output, LVPECL
13
QA
Inverting Clock Output, LVPECL
14
BYPASS
LVCMOS/LVTTL Input (Active Low). Connect low to bypass the internal PLL. Connect high or leave
open for normal operation. When in bypass mode the output dividers are set to divide by 1. Has
internal 75k
pullup to VCC.
15, 16
FB_SEL1,
FB_SEL0
LVCMOS/LVTTL Input. Controls M divider setting. See Table 3 for more information. Has internal
75k
pulldown to GND.
17
VCCA
Analog Power Supply for the VCO. Connect to +3.3V. For additional power-supply noise filtering,
this pin can connect to VCC through 10.5
as shown in Figure 2 (requires VCC = +3.3V ±5%).
18
VCC
Core Power Supply. Connect to +3.3V.
20
QA_OE
LVCMOS/LVTTL Input. Enables/disables the QA clock output. Connect this pin high or leave open to
enable the LVPECL clock output QA. Connect low to set QA to a logic 0. Has internal 75k
pullup to VCC.
21, 22
SELA0,
SELA1
LVCMOS/LVTTL Input. Controls NA divider setting. See Table 2 for more information. Has 50k
input impedance.
23
QB1_OE
LVCMOS/LVTTL Input. Enables/disables QB1 clock output. Connect pin high or leave open to enable
LVPECL clock output QB1. Connect low to set QB1 to a logic 0. Has internal 50k
input impedance.
25
X_OUT
Crystal Oscillator Output
26
X_IN
Crystal Oscillator Input
27
REF_IN
LVCMOS Reference Clock Input. Self-biased to allow AC- or DC-coupling.
28
IN_SEL
LVCMOS/LVTTL Input. Connect high or leave open to use a crystal. Connect low to use REF_IN.
Has internal 75k
pullup to VCC.
29
QB1
LVPECL, Inverting Clock Output
30
QB1
LVPECL, Noninverting Clock Output
31
QB0
LVPECL, Inverting Clock Output
32
QB0
LVPECL, Noninverting Clock Output
EP
Exposed Pad. Connect to supply ground for proper electrical and thermal performance.


Similar Part No. - MAX3624UTJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624UTJ++ MAXIM-MAX3624UTJ+ Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
More results

Similar Description - MAX3624UTJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com