Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240128-06-BN-M-ET-LED-WH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 240128-06-BN-M-ET-LED-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-BN-M-ET-LED-WH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  240128-06-BN-M-ET-LED-WH Datasheet HTML 1Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 2Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 3Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 4Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 5Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 6Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06-BN-M-ET-LED-WH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PACIFIC DISPLAY DEVICES
LCD Component Data Sheet
Model Number: 240128-06
240 x 128 Dot
Graphic LCD Assembly
With T6963C Toshiba Graphic LCD Controller
EL Panel & LED Backlight Assembly
CONTENTS
1.
GENERAL INFORMATION
1.1 Product Overview
2
1.2 Part Options and Numbering System
2
1.3 Absolute Maximum Ratings
3
1.4 Circuit Block Diagram
3
1.5 Mechanical Characteristics
3
1.6 Input Signal Function
4
1.7 LCM Power, Contrast Control and Bias
4
1.8 LCD Dimensions
5
2.
ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics
6
2.2 AC Electrical Characteristics
7
2.3 Optical Characteristics
9
2.4 LED Backlight Characteristics
11
2.5 EL Panel Backlight Characteristics
12
3.
LCD CONTROLLER CHARACTERISTICS
3.1 LCD Controller Display and Control Functions (T6963)
13
3.2 LCD Controller Command List
26
3.3 LCD Controller Character Code map
27
3.4 Application Circuits
28
4.
RELIABILITY
29
5.
PRECAUTIONS FOR USING LCD MODULES
30
139 Avenida Victoria – Suite 100 – San Clemente, CA – 92672
Tel: 949-361-8957 – Fax: 949-361-9158 – Web: www.pacificdisplay.com


Similar Part No. - 240128-06-BN-M-ET-LED-WH

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24012 ARIES-24012 Datasheet
1Mb / 2P
   High-Frequency Center Probe Test Socket for Devices up to 55mm Square
More results

Similar Description - 240128-06-BN-M-ET-LED-WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128B VISHAY-LCD-240H128B Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com