Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCWP510010R0FKWB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCWP510010R0FKWB
Description  Thick Film Chip Resistors, Industrial
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCWP510010R0FKWB Datasheet(HTML) 1 Page - Vishay Siliconix

  RCWP510010R0FKWB Datasheet HTML 1Page - Vishay Siliconix RCWP510010R0FKWB Datasheet HTML 2Page - Vishay Siliconix RCWP510010R0FKWB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Chip Resistors, Industrial
www.vishay.com
For technical questions contact: ff2bresistors@vishay.com
Document Number: 31011
86
Revision: 05-Oct-05
RCWP
Vishay Dale
FEATURES
• Operating temperature range: - 55°C to + 150°C
• Same materials and construction as MIL-PRF-55342
chip resistors
• Termination: Tin/Lead wraparound termination over
nickel barrier. Also available with Lead (Pb)-free
wraparound terminations.
• Capability to develop specific reliability programs designed
to customer requirements
• Size, value, packaging and materials can be customized for
special customer requirements.
*Consult factory for extended resistance range.
**Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER
RATING
MAXIMUM
OPERATING
TEMPERATURE
COEFFICIENT
TOLERANCE
%
RESISTANCE
RANGE
RCWP0402
RCWP-0402
0.04
25
300
100
± 1 to ± 10
± 1 to ± 10
5.62 - 1M
10 - 1M
RCWP0603
RCWP-0603
0.07
50
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 1M
5.62 - 1M
RCWP0540
RCWP-540
0.08
40
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 4.7M
10 - 499K
RCWP0550
RCWP-550
0.10
50
300
100, 300
± 2 to ± 10
± 1 to ± 10
2 - 4.7M
5.62 - 1M
RCWP0575
RCWP-575
0.15
70
300
100, 300
± 2 to ± 10
± 1 to ± 10
2 - 10M
5.62 - 1M
RCWP5100
RCWP-5100
0.20
100
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 15M
5.62 - 1M
RCWP1206
RCWP-1206
0.25
100
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 15M
5.62 - 5.62M
RCWP5150
RCWP-5150
0.35
125
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 20M
5.62 - 4.75M
RCWP1100
RCWP-1100
0.50
100
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 7.5M
5.62 - 5.62M
RCWP7225
RCWP-7225
0.60
200
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 20M
5.62 - 15M
RCWP2010
RCWP-2010
0.80
200
300
100, 300
± 2 to ± 10
± 1 to ± 10
3 - 20M
5.62- 15M
RCWP2512
RCWP-2512
1.0
200
300
100, 300
± 2 to ± 10
± 1 to ± 10
5 - 20M
5.62 - 15M
RCWP-5100
103
G
T03
HISTORICAL
RESISTANCE
TOLERANCE
PACKAGING
MODEL
VALUE
CODE
CODE
Historical Part Numbering: RCWP-5100103G (will continue to be accepted)
New Global Part Numbering: RCWP510010K0GMWB (preferred part numbering format)
GLOBAL
RESISTANCE
VALUE
TOLERANCE
TEMPERATURE
PACKAGING
SPECIAL
MODEL
CODE
COEFFICIENT
CODE
R = Decimal
F =
± 1%
K = 100ppm
TP = Tin/Lead, T/R (Full)
Blank = Standard
(see Standard
Electrical
Specifications table)
K = Thousand
G =
± 2%
M = 300ppm
S3 = Tin/Lead, T/R (1000 pcs)
M = Million
J =
± 5%
S = Special,
WB = Tin/Lead, Tray
(Dash Number)
10R0 = 10
K =
± 10%
S2 = Tin/Lead, T/R (500 pcs)
(up to 2 digits)
1K30 = 1.3K
S6 = Tin/Lead, T/R (300 pcs)
From 1-99 as
1M00 = 1.0M
EA = Lead (Pb)-free,T/R (Full)
applicable
T/R (1000 pcs)
ET
EC = Lead (Pb)-free, T/R (500 pcs)
ED =
T/R (300 pcs)
GLOBAL PART NUMBER INFORMATION
RC
W
P
5
1
0
0
1
0
K
0
G
M
W
B
0000 = 0
Ω Jumper
Z = 0
Ω Jumper
0
Ω Jumper
EB = Lead (Pb)-free,
= Lead (Pb)-free, Tray
Lead (Pb)-free,
99 = 0
Ω Jumper
Available
e3


Similar Part No. - RCWP510010R0FKWB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWP-0201 VISHAY-RCWP-0201 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM VISHAY-RCWPM Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RCWPM-0302 VISHAY-RCWPM-0302 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
RCWPM-0402 VISHAY-RCWPM-0402 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results

Similar Description - RCWP510010R0FKWB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
   Thick Film Chip Resistors, Non-Magnetic, Industrial
Revision: 23-Feb-15
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
   Thick Film Chip Resistors, Industrial, Moisture Resistant
Revision: 21-Feb-14
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com