Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # CTBGA
Description  ChipArray짰 Packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CTBGA Datasheet(HTML) 2 Page - Amkor Technology

  CTBGA Datasheet HTML 1Page - Amkor Technology CTBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAMINATE
Process Highlights
Die thickness (max)
0.27 mm (10.5 mils)
Bond pad pitch (min)
50 µm (2 mils)
Marking
Laser
Ball inspection
Optical
Pack options
Dry pack
Wafer backgrinding
Available
Standard Materials
Package substrate
-
Conductor
Copper
-
Dielectric
Epoxy polyimide blend
Die attach adhesive
Low stress elastomer
Encapsulant
Epoxy mold compound
Solder ball
Eutectic SnPb/Pbfree
Test Services
Program Generation/Conversion
Product Engineering
Wafer sort
256 Pin x 20 MHz test system available
-55 °C to +165 °C Test available
Burn-in
Shipping
JEDEC trays
Tape and Reel services
data sheet
BOTTOM VIEW
SIDE VIEW
TOP VIEW
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
CABGA/CTBGA/CVBGA Standard Package Offering
CABGA/CTBGA/CVBGA
Ball Pitch 1.0 0.80 0.75
0.65 0.50
Ball Pitch 1.0
0.80
0.65
0.50
Ball Pitch
1.0
0.80
0.65
0.50
Body
Ball
Ball
Ball
Ball
Ball
Body
Ball
Ball
Ball
Ball
Body
Ball
Ball
Ball
Ball
Size
Count Count Count Count Count
Size
Count Count
Count
Count
Size
Count Count Count Count
4
16
49
10
81
100
192
15
160
208
256
4
40
10
96
241
15
176
273
5
25
40
10
120
181
15
196
324
5
57
10
121
277
15
144
6
36
48
10
144
16
280
324
6
49
56
10
97
16
285
6
64
11
100
109
200
223
17
176
256
6
84
11
97
128
17
208
272
7
48
44
81
104
11
169
17
224
280
7
49
46
108
12
112
144
208
228
17
228
292
7
64
48
64
12
121
160
288
17
252
316
7
64
84
12
196
17
256
7
96
13
108
200
277
289
19
280
288
8
42
64
48
105
108
13
144
224
320
19
289
8
72
111
132
13
225
417
19
324
8
81
113
144
14
192
300
287
21
256
449
8
94
96
14
220
21
272
9
64
100
48
124
21
316
9
72
64
21
336
9
80
21
400
9
81
180
180


Similar Part No. - CTBGA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-24L SANKEN-CTB-24L Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-34 SANKEN-CTB-34 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
CTB-34M SANKEN-CTB-34M Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
logo
Hirose Electric
CTB-4MJ-88S HIROSE-CTB-4MJ-88S Datasheet
1Mb / 6P
   ISDN and HBS CONNECTORS
More results

Similar Description - CTBGA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LMV82X STMICROELECTRONICS-LMV82X Datasheet
663Kb / 32P
   Tiny packages
April 2017 Rev 4
logo
Rohm
TSSOP-B14J ROHM-TSSOP-B14J Datasheet
90Kb / 2P
   IC Packages
logo
Fairchild Semiconductor
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
   Using BGA Packages
logo
Teccor Electronics
L6008D8TP TECCOR-L6008D8TP Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
   Electrically-isolated packages
logo
IXYS Corporation
IXYK100N65B3D1 IXYS-IXYK100N65B3D1 Datasheet
227Kb / 7P
   International Standard Packages
IXYK100N65C3D1 IXYS-IXYK100N65C3D1 Datasheet
225Kb / 7P
   International Standard Packages
logo
XP Power Limited
QSB XPPOWER-QSB Datasheet
153Kb / 4P
   Industry Standard Packages
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
   Leadless Chip Packages
logo
List of Unclassifed Man...
C30617 ETC2-C30617 Datasheet
647Kb / 7P
   Available in various packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com