Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI533KC00100DG Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI533KC00100DG
Description  DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI533KC00100DG Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI533KC00100DG Datasheet HTML 4Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 5Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 6Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 7Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 8Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 9Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 10Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 11Page - Silicon Laboratories SI533KC00100DG Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Si533
Rev. 1.1
11
DOCUMENT CHANGE LIST
Revision 1.0 to Revision 1.1
Updated Table 1, “Recommended Operating
Conditions,” on page 2.
Device maintains stable operation over –40 to +85 ºC
operating temperature range.
Supply current specifications updated for revision D.
Updated Table 2, “CLK± Output Frequency
Characteristics,” on page 2.
Added specification for ±20 ppm lifetime stability
(±7 ppm temperature stability) XO.
Updated Table 3, “CLK± Output Levels and
Symmetry,” on page 3.
Updated LVDS differential peak-peak swing
specifications.
Updated Table 4, “CLK± Output Phase Jitter,” on
page 4.
Updated Table 5, “CLK± Output Period Jitter,” on
page 4.
Revised period jitter specifications.
Updated Table 7, “Absolute Maximum Ratings1,” on
page 5 to reflect the soldering temperature time at
260 ºC is 20–40 sec per JEDEC J-STD-020C.
Updated 3. "Ordering Information" on page 7.
Changed ordering instructions to revision D.
Added 5. "Si533 Mark Specification" on page 9.


Similar Part No. - SI533KC00100DG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si533 SILABS-Si533 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results

Similar Description - SI533KC00100DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com