Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM150CZ-H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RM150CZ-H
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM150CZ-H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RM150CZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM150CZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM150CZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
–3
10
–2
10
–1
10
0
10
0
10
1
10
4
10
3
10
1
10
2
10
0.5
7
5
3
2
7
5
3
2
7
5
3
2
1.0
1.5
2.0
2.5
Tj=25°C
160
60
0
100
250
50
150
80
100
120
140
200
70
50
30
20
7
5
3
2
0
4000
10
1
100
1000
2000
3000
7
5
3
2
7
5
3
2
7
5
3
2
0.250
0
0.050
0.100
0.150
0.200
7
5
3
2
250
0
0
200
250
100
50
150
50
100
150
200
THREE-PHASE
OPERATION
DC
OPERATION
THREE-PHASE
OPERATION
RESISTIVE, INDUCTIVE LOAD
RESISTIVE, INDUCTIVE LOAD
DC
OPERATION
SINGLE-PHASE
OPERATION
SINGLE-PHASE
OPERATION
MITSUBISHI DIODE MODULES
RM150DZ/CZ/UZ-M,-H,-24.-2H
HIGH POWER GENERAL USE
INSULATED TYPE
PERFORMANCE CURVE
MAXIMUM FORWARD CHARACTERISTIC
ALLOWABLE SURGE (NON-REPETITIVE)
FORWARD CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE (V)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
(JUNCTION TO CASE)
MAXIMUM POWER DISSIPATION
TIME (s)
AVERAGE FORWARD CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. AVERAGE FORWARD CURRENT
AVERAGE FORWARD CURRENT (A)


Similar Part No. - RM150CZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM150CZ-H MITSUBISHI-RM150CZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM150CZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com